Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 24Page - STMicroelectronics ST2100 Datasheet HTML 25Page - STMicroelectronics ST2100 Datasheet HTML 26Page - STMicroelectronics ST2100 Datasheet HTML 27Page - STMicroelectronics ST2100 Datasheet HTML 28Page - STMicroelectronics ST2100 Datasheet HTML 29Page - STMicroelectronics ST2100 Datasheet HTML 30Page - STMicroelectronics ST2100 Datasheet HTML 31Page - STMicroelectronics ST2100 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
4.3
Required external components
COMP_1V8_ANAREXT: place an external 121 K
 1% resistor between the ball B6 and ball C6
USB_TXRTUNE: connect an external 43.2
 1% pull-down resistor to the ball AB14
COMP_3V3_ANAREXT: place an external 121 K
 1% resistor between the ball A21 and ball A22
PCIe_REFRES: place an external 487
 1% resistor between the ball R20 and ball M21 (if using PCIe interface)
DAC_REXT: place an external 7.87 K
 1% resistor between the ball V22 and ball U22
DAC_IDAC, DAC_IDACB: place an external 1% accuracy load resistor between the ball V23 and ball U23 to ground.
Y11
MFIO91
CAN2_TX
ETM_TRACE_SYNCB
Y9
MFIO92
FSMC_PCIntRq_ 4
ETM_PIPESTATA_2
Y12
MFIO93
FSMC_PCIntRq_ 3
ETM_PIPESTATA_1
AA12
MFIO94
FSMC_PCIntRq_ 2
ETM_PIPESTATA_0
AB12
MFIO95
FSMC_PCIntRq_ 1
ETM_TRACE_SYNCA
AA13
MFIO96
GPT1_CPTR2
ETM_TRACEPKTB_3
AC12
MFIO97
GPT1_CPTR1
ETM_TRACEPKTB_2
AB11
MFIO98
GPT1_CLK2
ETM_TRACEPKTB_1
AB10
MFIO99
GPT1_CLK1
ETM_TRACEPKTB_0
AC11
MFIO100
GPT2_CPTR2
ETM_TRACEPKTA_3
Y8
MFIO101
GPT2_CPTR1
ETM_TRACEPKTA_2
AC10
MFIO102
GPT2_CLK2
ETM_TRACEPKTA_1
AC9
MFIO103
GPT2_CLK1
ETM_TRACEPKTA_0
Table 16. MFIO pin descriptions (continued)
Ball no. Signal name
Muxing selection
01
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com