Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 31Page - STMicroelectronics ST2100 Datasheet HTML 32Page - STMicroelectronics ST2100 Datasheet HTML 33Page - STMicroelectronics ST2100 Datasheet HTML 34Page - STMicroelectronics ST2100 Datasheet HTML 35Page - STMicroelectronics ST2100 Datasheet HTML 36Page - STMicroelectronics ST2100 Datasheet HTML 37Page - STMicroelectronics ST2100 Datasheet HTML 38Page - STMicroelectronics ST2100 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
DocID025777 Rev 1
35/39
ST2100
Electrical characteristics
39
7.4
Power-up and reset sequence
The master reset (MRESET) must be released after the VDD2.5 power supply is stable for
a time interval of 2 ms, which is the start-up time of the main oscillator, as illustrated in
Figure 6.
Figure 6. Power-up and reset sequence
7.5
Internal 2.5 V linear regulator
The internal linear regulator specified in Table 24 provides a regulated 2.5 V power supply
for on-chip AFE, OSCI, PLL, USB PHY, PCIe PHY and SYNTH functional blocks.
The 2.5 V regulator cannot be used to supply external devices.
Table 24. Internal 2.5 V voltage regulator specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
VDD3.3 REG
Supply voltage for 2.5 V linear regulator
2.97
3.3
3.36
V
VDD2.5 REG
Output voltage of 2.5 V linear regulator
2.25
2.5
2.75
V
ILOAD2.5 REG
Output current of 2.5 V linear regulator
-
-
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com