Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 31Page - STMicroelectronics ST2100 Datasheet HTML 32Page - STMicroelectronics ST2100 Datasheet HTML 33Page - STMicroelectronics ST2100 Datasheet HTML 34Page - STMicroelectronics ST2100 Datasheet HTML 35Page - STMicroelectronics ST2100 Datasheet HTML 36Page - STMicroelectronics ST2100 Datasheet HTML 37Page - STMicroelectronics ST2100 Datasheet HTML 38Page - STMicroelectronics ST2100 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
DocID025777 Rev 1
37/39
ST2100
Package information
39
Table 25 lists the mechanical data for the package shown in Figure 7.
The TFBGA (“Thin profile Fine Pitch Ball Grid Array”) package uses a grid of solder balls as
its connectors. The TFBGA package is noted for its compact size, high lead count and low
inductance, which allows lower voltages to be used.
Table 26 lists thermal characteristics for the TFGBA package.
Table 25. TFBGA 12 x 12 x 1.2 mm, 324 + 49 balls, 4R23 x 23, pitch 0.5 mm, ball 0.3 mm
package mechanical data
Symbol
Dimensions (mm)
Note
Min.
Typical
Max.
A1.20
(1)
1. The total profile height (dim. A) is measured from the seating plane to the top of the component.
The maximum total package height is calculated by the following methodology:
A1 typ. + A2 typ. + A3 typ. +
 (A12 + A22 + A32 tolerance values).
Thin profile: 1.00 < A . 1.20 mm / fine pitch: e < 1.00 mm pitch.
A1
0.15
A2
0.20
A4
0.585
b
0.25
0.30
0.35
(2)
2. The typical ball diameter before mounting is 0.30 mm.
D
11.85
12.00
12.15
D1
11.00
E
11.85
12.00
12.15
E1
11.00
e0.50
Z0.50
ddd
0.08
eee
0.15
(3)
3. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone “eee” perpendicular to datum “C” and located on true
position with respect to datums “A” and “B” as defined by “e”. The axis perpendicular to datum “C” of each
ball must lie within this tolerance zone.
fff
0.05
(4)
4. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone “fff” perpendicular to datum “C” and located on true
position as defined by “e”. The axis perpendicular to datum “C” of each ball must lie within this tolerance
zone. Each tolerance zone “fff” in the array is contained entirely in the respective zone “eee” above. The
axis of each ball must lie simultaneously in both tolerance zones.
Table 26. TFGBA package thermal characteristics
Symbol
Parameter
Value
Unit
JA(1)
1. Measured on a JESD51 2S2P test board.
Thermal resistance junction to ambient
33
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com