Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics ST2100 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DocID025777 Rev 1
19/39
ST2100
Pin descriptions
39
Table 8. Boot source selection
Boot source
SOC_CFG_BOOT3 SOC_CFG_BOOT2 SOC_CFG_BOOT1 SOC_CFG_BOOT0
SMI (3-byte addressing)
0
0
0
0
SMI (2-byte addressing)
0
0
0
1
FSMC/NAND 8-bit
001
0
FSMC/NAND 16-bit
0
0
1
1
UART1 (G20)
0
1
0
0
UART2(G21)
0
1
0
1
FSMC/NOR 8-bit
0
1
1
0
FSMC/NOR 16-bit
0
1
1
1
Reserved
1
X(1)
X(1)
X(1)
1. An “X” may be a “1” or a “0”.
Table 9. SMI pin descriptions
Signal name
Ball
Direction
Function
Pin type
SMI_DIN
A2
In
Serial Flash input data
TTL input buffer, 3.3 V tolerant with
configurable PU/PD and HYST
SMI_DOUT
A3
Out
Serial Flash output data
TTL output buffer, 3.3 V capable, 4 mA
SMI_CLK
A4
I/O
Serial Flash clock
TTL output buffer, 3.3 V capable, 4 mA
SMI_NCS0
B1
Out
Serial Flash chip select
TTL output buffer, 3.3 V capable, 4 mA
SMI_NCS1
C1
Out
Serial Flash chip select
TTL output buffer, 3.3 V capable, 4 mA
SMI_NCS2
D1
Out
Serial Flash chip select
TTL output buffer, 3.3 V capable, 4 mA
Table 10. USB Pin descriptions
Signal name
Ball
Direction
Function
Pin type
USB_VBUS
AA14
I/O
USB device VBUS detect
or USB host VBUS control
Bidirectional TTL pad, 3.3 V tolerant input with
PD for device mode; output for host mode
USB_OVERCUR AB13
In
USB host overcurrent
TTL input buffer 3.3 V tolerant with PU
(for host mode only)
USB_TXRTUNE
AB14
Out
Reference resistor
Analog
USB_DP
AC14
I/O
USB host or device D+
Bidirectional analog buffer 5 V tolerant
USB_DM
AC15
USB host or device D-
Bidirectional analog buffer 5 V tolerant
Reserved
AC17
Out
Do not connect test output
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com