Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Pin descriptions
ST2100
18/39
DocID025777 Rev 1
Table 6. Debug pin descriptions
Signal name
Ball
Direction
Function
Pin type
Reserved
B4
In
Reserved
Connect to GND
TTL input buffer, 3.3 V
tolerant with PD
JTAG_TMS
C5
In
Test mode select
TTL input buffer, 3.3 V
tolerant with PU
JTAG_TCK
D4
In
Test clock
TTL input buffer, 3.3 V
tolerant with PU
JTAG_NTRST
E4
In
Test reset input
TTL input buffer, 3.3 V
tolerant with PU
JTAG_TDI
F4
In
Test data input
TTL input buffer, 3.3 V
tolerant with PU
JTAG_TDO
G4
Out
Test data output
TTL output buffer, 3.3 V
capable, 4 mA
ETM_TRACECLK
Y7
Out
ETM clock (the other ETM
signals are available on MFIOs)
TTL output buffer, 3.3 V
capable, 4 mA
Table 7. Boot source descriptions
Signal name
Ball
Direction
Function
Pin type
SOC_CFG_BOOT0
C2
In
Boot mode configuration
TTL input buffer, 3.3 V
tolerant with PD
SOC_CFG_BOOT1
B2
In
Boot mode configuration
TTL input buffer, 3.3 V
tolerant with PD
SOC_CFG_BOOT2
C3
In
Boot mode configuration
TTL input buffer, 3.3 V
tolerant with PD
SOC_CFG_BOOT3
B3
In
Boot mode configuration
TTL input buffer, 3.3 V
tolerant with PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com