Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics ST2100 Datasheet HTML 23Page - STMicroelectronics ST2100 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Pin descriptions
ST2100
20/39
DocID025777 Rev 1
Table 11. PCIe / SATA pin descriptions
Signal name
Ball
Direction
Function
Pin type
PCIE_P1_RXN
L22
In
High frequency negative RX input signal
Analog
PCIE_P1_RXP
L23
In
High frequency positive RX input signal
Analog
PCIE_XTAL2
N20
Out
Feedback of the crystal oscillator
Oscillator
PCIE_XTAL1
P20
In
Input of the crystal oscillator
Oscillator
PCIE_P1_TXP
P22
Out
High frequency positive TX output signal
Analog
PCIE_P1_TXN
P23
Out
High frequency negative TX output signal
Analog
PCIE_REFRES
R20
Input
Reference resistor for the impedance
compensation
Analog
Table 12. Internal AFE pin descriptions
Signal name
Ball
Direction
Function
Pin type
DAC_IDAC
U23
Out
HF DAC differential positive current “Out”
Analog
DAC_REXT
V22
Out
External precision resistor
Analog
DAC_IDACB
V23
Out
HF DAC differential negative current “Out”
Analog
PGA_IN_N
AC21
In
PGA negative input
Analog
PGA_IN_P
AC22
In
PGA positive input
Analog
Table 13. AC crossing pin descriptions
Signal name
Ball
Direction
Function
Pin type
AC_CROSSING
C4
In
Mains digital input, zero
crossing
TTL input buffer, 3.3 V tolerant, with
configurable PU/PD and HYST
ZC_IN
AA20
In
Mains analog zero
crossing
Analog
Table 14. External PLI pin description
Signal name
Ball
Direction
Function
Pin type
EXTPLI_TXON
C22
Out
Line driver enable
TTL output buffer, 3.3 V capable,
4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com