Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID025777 Rev 1
13/39
ST2100
Architecture description
39
3.8
Application subsystem
Configurable hardware engine for multiple HomePlug PHY and real-time MAC layers
processing supporting:
HomePlug AV and 1.0 standards
HomePlug Green PHY standard
Integrated analog front-end:
Programmable gain amplifier: gain range -12 dB to 48 dB
ADC and DAC
2.5 V, 150 mA voltage regulator
Zero crossing (ZC) comparator
Cryptographic coprocessor channels (C3), DMA based programmable engine, with
support for:
Advanced encryption standard (AES) cipher (128-, 192-, 256-bit keys) in ECB,
CBC, CTR modes
Data encryption standard (DES) and triple DES cipher in ECB and CBC modes
SHA-1, HMAC-SHA-1, SHA-256, HMAC-SHA-256, MD5, HMAC-MD5 digests
algorithms
Configurable serial port (SPORT) interface for external DSP and audio codec (ADC
and DAC in I2S mode)
Transport stream (TS) interface
Pulse generator and capture (PGC) (IR) for remote controls
4-channel I2S [“Digital Audio Interface” (DAI)]
24 application specific GPIOs:
Up to 4 GPIOs supporting PWM
Up to 4 GPIOs supporting double PWM.
3.9
Clock and reset system
The system clocks are generated by:
Two fully programmable PLLs. One is used to generate a clock for CPU and
AMBA AHB bus and the other is used in case the DDR clock has to be different
(asynchronous) with respect to the CPU clock.
One “high precision” clock synthesizer with 4 outputs providing different
frequencies for the various IPs
Fully programmable control of the clock and reset signals for all the slave blocks
allowing sophisticated power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com