Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Architecture description
ST2100
12/39
DocID025777 Rev 1
3.6
High-speed connectivity subsystem
Ethernet 10/100 MAC with MII interface (IEEE 802.3), with external PHY
–
RevMII (supporting 25 and 50 MHz clock frequencies)
–
IEEE 802.1-AS and 802.1-Qav for audio video (AV) traffic
USB 2.0 (high-full-low speed) port with integrated PHY able to work as a host or
device. The PHY is embedded.
–
One USB host controller compatible with USB 2.0 high-speed specification
managing a single port. The peripheral has a dedicated channel to the multiport
memory controller and a dedicated slave port for CPU programming (OHCI and
EHCI).
–
One USB device compatible with USB 2.0 high-speed specifications. A dedicated
channel connects the peripheral with the multiport memory controller and registers
and an internal FIFO are accessible from the CPU through the main AHB bus.
A USB plug detector block is also available to detect the presence of the VBUS
voltage.
3.7
Low-speed connectivity subsystem
Two independent UARTs supporting hardware flow control up to 460.8 Kbits/s
Fast IrDA controller with a speed rate from 9.6 Kbits/s to 4 Mbits/s (SIR/MIR/FIR)
One synchronous “Serial Port Interface” (SPI) controller capable of operating as
a master or a slave (Motorola - Texas Instruments - National Semiconductor) with
a speed (data) rate up to 20 Mbits/s
One I2C (also known as a digital audio interface) controller capable of operating in
master and slave mode and covering all the possible data rates (high, fast and low)
JPEG codec accelerator (1 clock per pixel)
8 Kbytes of static RAM
“Flexible Static Memory Controller” (FSMC) supporting:
–
Asynchronous parallel NAND and NOR Flash memories
–
Synchronous and asynchronous SRAM
Two independent “Controller Area Network” (CAN) interfaces compliant with CAN
protocol version 2.0 parts A and B (up to 1 Mbit/s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com