Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 29Page - STMicroelectronics ST2100 Datasheet HTML 30Page - STMicroelectronics ST2100 Datasheet HTML 31Page - STMicroelectronics ST2100 Datasheet HTML 32Page - STMicroelectronics ST2100 Datasheet HTML 33Page - STMicroelectronics ST2100 Datasheet HTML 34Page - STMicroelectronics ST2100 Datasheet HTML 35Page - STMicroelectronics ST2100 Datasheet HTML 36Page - STMicroelectronics ST2100 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DocID025777 Rev 1
33/39
ST2100
Electrical characteristics
39
7
Electrical characteristics
This section provides electrical specifications for the STreamPlug ST2100 device.
7.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high/low static
voltages. However it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
The absolute maximum ratings shown in Table 19 are the maximum stress that can be
applied to a device without causing permanent damage. However, extended exposure to
minimum/maximum ratings may affect long term device reliability.
7.2
Power consumption
In Table 20 and Table 21 power consumption data are based on bench measurements with
devices using the Linux OS, the CPU and DDR2 running at 333 MHz and all on-chip
peripherals and internal modules enabled while the STreamPlug ST2100 is transferring
a file from the USB Flash memory to the powerline.
Table 19. Absolute maximum rating
Symbol
Parameter
Min.
Max.
Unit
VDD1.2
Supply voltage for the core
-0.3
1.32
V
VDD3.3
Supply voltage for the I/Os
-0.3
3.63
V
VDD2.5
Supply voltage for the DDR/AFE
-0.3
2.75
V
VDD1.5
Supply voltage for the real-time clock
-0.3
2.75
V
TSTG
Storage temperature
-55
150
°C
TJ
Junction temperature
-40
125
°C
Table 20. Power consumption
Symbol
Parameter
Typical
Unit
PD (core supply)
Power consumption of 1.2 V supply voltage for the core
460
mW
PD (IO supply)
Power consumption of 3.3 V supply voltage for the I/Os
270
mW
PD (AFE supply)
Power consumption of 2.5 V supply voltage
260
mW
PD (DDR supply)
Power consumption of 1.8 V supply voltage for the DDR
interface
170
mW
PD (RTC supply)
Power consumption of 1.5 V supply voltage for the RTC
9
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com