Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
DocID025777 Rev 1
17/39
ST2100
Pin descriptions
39
PCIe PHY
PCIE_VDD_PLL
M21
1.2 V
PCIE_P1_VDDR
M22
1.2 V
PCIE_P1_VDDT1
N21
1.2 V
PCIE_P1_VDDT2
N22
2.5 V
PCIE_VDD2_PLL
R21
2.5 V
OSCI
(master clock)
VDD_1V2_RCG_MCLK
AA18
1.2 V
VDDE_2V5_RCG_MCLK
AC18
2.5 V
PLL 1
AVDD_2V5_PLL1
Y16
2.5 V
PLL 2
AVDD_2V5_PLL2
Y14
2.5 V
SYNTH
VDD_1V2_RCG_CLK_SYNTH
Y19
1.2 V
VCCA_2V5_RCG_CLK_SYNTH
Y18
2.5 V
DDR
VDDE_DDR
A5, A11, A14, A20, C23, D6, D11, D14
1.8 V / 2.5 V
AFE_ADC
VDD_1V2_ADC
W23
1.2 V
VCCAISO_2V5_ADC
Y21
2.5 V
VCCA_2V5_ADC
Y23
2.5 V
AFE_DAC
VDD_1V2_DAC
T21
1.2 V
VCCA1_2V5_DAC
U21
2.5 V
VCCA2_2V5_DAC
T20
2.5 V
AFE_PGA
VDD_2V5_PGA
AB20
2.5 V
VDDE_3V3_PGA
AC20
3.3 V
OSCI RTC
VDD_1V5_RTC
G22
1.5 V
Internal
2.5 V regulator
VDDE_2V5_REG (REG OUT)
Y22
2.5 V
VDDE_3V3_REG (REG IN)
AA22
3.3 V
Reserved
Reserved
AA23, B23, D21, D22, D23, E20, E21, E22, E23,
F20, F21, F22, F23, G20, G21, H20, H21, J20,
J21, K20, K21, L20
Keep it
floating
Reserved
Reserved
B22
Connect to
GND
Table 5. Power supply pin descriptions (continued)
Group
Signal name
Ball
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com