Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 21 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 21 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 17Page - Microchip Technology UCS2112 Datasheet HTML 18Page - Microchip Technology UCS2112 Datasheet HTML 19Page - Microchip Technology UCS2112 Datasheet HTML 20Page - Microchip Technology UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology UCS2112 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 21
UCS2112
5.1.1
OFF STATE OPERATION
The device will be in the Off state if VDD is less than
VDD_TH. When the UCS2112 is in the Off state, it will do
nothing and all circuitry will be disabled. Digital register
values are not stored and the device will not respond to
SMBus commands.
5.1.2
SLEEP STATE OPERATION
The PWR_EN1 and PWR_EN2 pins may be used to
cause the UCS2112 to enter/exit Sleep. These pins are
AND’ed for Sleep mode.
When the UCS2112 is in the Sleep state, the device will
be in its lowest-power state. The bypass switch and the
port power switch will be disabled. The Attach and
Removal Detection feature will be disabled. VBUS1 and
VBUS2 will be near ground potential. The ALERT#1
and ALERT#2 pins will not be asserted. If asserted
prior to entering the Sleep state, the ALERT# pin will be
released. SMBus activity is limited to single byte read
or write.
The first data byte read from the UCS2112 when it is in
the Sleep state will wake it; however, the data to be
read will return all 0’s and should be considered invalid.
This is a “dummy” read byte meant to wake the
UCS2112. Subsequent read or write bytes will be
accepted normally. After the dummy read, the
UCS2112 will be in a higher-power state (see
Figure 5-2). After communication has not occurred for
tIDLE_SLEEP, the UCS2112 will return to Sleep.
FIGURE 5-2:
Wake from Sleep using SMBus Read.
Active
enabled
disabled
N/A
Yes
• Port power switch is on during A_DET1=1 for VBUS1.
VBUS2 pins have very low current delivery capability.
disabled
enabled
N/A
Yes
• Port power switch is on during A_DET2=1 for VBUS2.
•VBUS1 pins have very low current delivery capability.
enabled
enabled
N/A
Yes
• Port power switch is on during A_DET1=A_DET2=1
for VBUS1 and VBUS2.
enabled
disabled
disabled
N/A
• Forced ACTIVE Power State: Port power switch is on
at all times for VBUS1.
•VBUS2 pins have very low current delivery capability.
disabled
enabled
disabled
N/A
• Forced ACTIVE Power State: Port power switch is on
at all times for VBUS2.
•VBUS1 pins have very low current delivery capability.
enabled
enabled
disabled
N/A
• Forced ACTIVE Power State: Port power switch is on
at all times for VBUS1 and VBUS2.
TABLE 5-2:
POWER STATES CONTROL SETTINGS (CONTINUED)
Power
State
PWR_EN1 PWR_EN2 ATT_DET
Portable
Device
Attached
Behavior
0101_1110 A
invalid dataN P
SMBus Read
A
0001_0000
0101_1110 A
valid data N P
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_1111 A
S
0101_1111 A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com