Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 42Page - Microchip Technology UCS2112 Datasheet HTML 43Page - Microchip Technology UCS2112 Datasheet HTML 44Page - Microchip Technology UCS2112 Datasheet HTML 45Page - Microchip Technology UCS2112 Datasheet HTML 46Page - Microchip Technology UCS2112 Datasheet HTML 47Page - Microchip Technology UCS2112 Datasheet HTML 48Page - Microchip Technology UCS2112 Datasheet HTML 49Page - Microchip Technology UCS2112 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
UCS2112
DS20005424B-page 46
 2015 Microchip Technology Inc.
REGISTER 9-8:
GENERAL CONFIGURATION 2 REGISTER (ADDRESS 12H)
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-1
R/W-0
ALERT2_MASK ALERT2_LINK
DSCHG2
PWR_EN2S
—
—
ATT_TH2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ALERT2_MASK:
Mask errors for all interrupts in Register 9-4 except OV_LIM2 and TSD.
1
= The ALERT#2 pin will only assert if a OV_LIM2 or TSD is detected.
0
= The ALERT#2 pin will be asserted if an error condition or indicator event is detected.
bit 6
ALERT2_LINK:
Links the ALERT#2 pin to be asserted when the LOW_CUR2 or TREG bits are set.
1
= The ALERT#2 pin will be asserted if the LOW_CUR2 or TREG indicator bit is set.
0
= The ALERT#2 pin will not be asserted if the LOW_CUR2 or TREG indicator bit is set.
bit 5
DSCHG2:
Forces the VBUS2 to be reset and discharged when the UCS2112 is in the Active state.
Writing this bit to a logic ‘1' will cause the port power switch to be opened and the discharge circuitry
to activate to discharge VBUS. Actual discharge time is controlled by DISCHG_TIME<1:0>. This bit
is self-clearing.
1
=VBUS2 discharge initiated.
0
= Port 2 not in discharge
bit 4
PWR_EN2S:
Power Enable Port 2 override - This bit is OR’ed with the PWR_EN2 pin. Thus, if the
polarity is set to active-high, either the PWR_EN2 pin or this bit must be ‘1’ to enable the port power
switch.
bit 3-2
Unimplemented
bit 1-0
ATT_TH2<1:0>:
Attach Detection Threshold Port 2 - determines the current draw needed to deter-
mine an Attach event has occurred. Also controls the Removal Detection current level (Note 1).
00
= 200 µA Attach/100 µA Removal
01
= 400 µA Attach/300 µA Removal
10
= 800 µA Attach/700 µA Removal
11
= 1000 µA Attach/900 µA Removal
Note
1:
The removal threshold is different when operating in the Active power state versus when operating in the Detect power
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com