Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 61 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 61 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 56Page - Microchip Technology UCS2112 Datasheet HTML 57Page - Microchip Technology UCS2112 Datasheet HTML 58Page - Microchip Technology UCS2112 Datasheet HTML 59Page - Microchip Technology UCS2112 Datasheet HTML 60Page - Microchip Technology UCS2112 Datasheet HTML 61Page - Microchip Technology UCS2112 Datasheet HTML 62Page - Microchip Technology UCS2112 Datasheet HTML 63Page - Microchip Technology UCS2112 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 61
UCS2112
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UCS2112:
USB Dual-Port Power Switch and Current
Monitor
Version
1
= SMBus address 57h
Temperature Range:
V
= -40°C to +105°C (Various)
Package:
G4 = Plastic Quad Flat No Lead Package - 4x4 mm Body
with 0.40 mm Contact Length, Saw Singulated,
QFN, 20-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
[T](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a) UCS2112-1-V/G4:
Various Temperature,
20-pin 4x4 QFN package.
b) UCS2112T-1-V/G4:
Tape and Reel,
Various Temperature,
20-pin 4x4 QFN Package.
–X
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com