Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 39Page - Microchip Technology UCS2112 Datasheet HTML 40Page - Microchip Technology UCS2112 Datasheet HTML 41Page - Microchip Technology UCS2112 Datasheet HTML 42Page - Microchip Technology UCS2112 Datasheet HTML 43Page - Microchip Technology UCS2112 Datasheet HTML 44Page - Microchip Technology UCS2112 Datasheet HTML 45Page - Microchip Technology UCS2112 Datasheet HTML 46Page - Microchip Technology UCS2112 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 43
UCS2112
REGISTER 9-5:
GENERAL STATUS 1 REGISTER (ADDRESS 0FH)
R/C-0
U-x
U-x
R-0
R-0
R/C-0
R/C-0
R-0
RATION1
—
—
CC_MODE1 PWR_EN1_CON LOW_CUR1
REM1
ADET1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RATION1:
Indicates the state of Port 1 Rationing. This bit is cleared when read, or cleared automatically
when the RATION_RST1 bit is set or the RATION_EN1 bit is cleared.
1
= Port 1 has delivered the programmed mAh of current
0
= Port 1 has not delivered the programmed mAh of current
bit 6-5
Unimplemented
bit 4
CC_MODE1:
Indicates whether Port 1 has entered CC mode.
1
= Port 1 is in CC mode
0
= Port 1 not in CC mode
bit 3
PWR_EN1_CON:
Reflects the PWR_EN control state. This bit is set and cleared automatically with the
logic expression (PWR_EN1 pin OR PWR_EN1S).
1
= Port 1 Power Enable is set
0
= Port 1 Power Enable is clear
bit 2
LOW_CUR1:
Indicates if the portable device charge current is below the 13.3 mA threshold on the
VBUS1 and may be finished charging. This bit is cleared when read and will cause the ALERT#1 pin to
be asserted if the ALERT_LINK1 bit is set.
1
= Port 1 charging current less than threshold
0
= Port 1 charging current above threshold
bit 1
REM1:
Removal Detection Port1 - Indicates if a Removal Detection event has occurred and there is no
longer a portable device present on the VBUS1 pin. This bit is cleared when read and will not cause the
ALERT#1 pin to be asserted.
1
= Removal Detection occurred
0
= No Removal Detection
bit 0
ADET1:
Attach Detection Port1 - Indicates that an Attach Detection event has occurred on the VBUS1
pins and there is a new portable device present. Asserts the A_DET#1 pin. This bit is set and cleared
as the A_DET#1 pin changes.
1
= Attach Detection event has occurred. A_DET#1 pin asserted
0
= No Attach Detection event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com