Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 26Page - Microchip Technology UCS2112 Datasheet HTML 27Page - Microchip Technology UCS2112 Datasheet HTML 28Page - Microchip Technology UCS2112 Datasheet HTML 29Page - Microchip Technology UCS2112 Datasheet HTML 30Page - Microchip Technology UCS2112 Datasheet HTML 31Page - Microchip Technology UCS2112 Datasheet HTML 32Page - Microchip Technology UCS2112 Datasheet HTML 33Page - Microchip Technology UCS2112 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
UCS2112
DS20005424B-page 30
 2015 Microchip Technology Inc.
7.3
Thermal Management and Voltage
Protection
7.3.1
THERMAL MANAGEMENT
The UCS2112 utilizes two-stage internal thermal man-
agement. The first stage is Dynamic Thermal Manage-
ment, and the second stage is Fixed Thermal
Shutdown.
7.3.1.1
Dynamic Thermal Management
For the first stage (active in both current-limiting
modes), referred to as Dynamic Thermal Manage-
ment, the UCS2112 automatically adjusts port power
switch limits and modes to lower power dissipation
when the thermal regulation temperature value is
approached, as described in the following paragraphs.
If the internal temperature exceeds the TREG value,
the port power switch is opened, the current limit (ILIM)
will be lowered by one step and a timer is started
(tDC_TEMP). When this timer expires, the port power
switch is closed and the internal temperature will be
checked again. If it remains above the TREG threshold,
the UCS2112 will repeat this cycle (open port power
switch and reduce the ILIM setting by one step) until
ILIM reaches its minimum value.
If the UCS2112 is operating using Constant Current
Limiting (variable slope) and the ILIM setting has been
reduced to its minimum set point and the temperature
is still above TREG, the UCS2112 will switch to operat-
ing using trip current limiting. This will be done by
reducing the IBUS_R2MIN setting to 100 mA and restor-
ing the ILIM setting to the value immediately below the
programmed setting (e.g., if the programmed ILIM is
2.13A, the value will be set to 1.6A). If the temperature
continues to remain above TREG, the UCS2112 will
continue this cycle (open the port power switch and
reduce the ILIM setting by one step).
If the UCS2112 internal temperature drops below
TREG - TREG_HYST, the UCS2112 will take action
based on the following:
1.
If the Current Limit mode changed from CC
mode to Trip mode, then a timer is started.
When this timer expires, the UCS2112 will reset
the port power switch operation to its original
configuration, allowing it to operate using Con-
stant Current Limiting (variable slope).
2.
If the Current Limit mode did not change from CC
mode to Trip mode, or was already operating in
Trip mode, the UCS2112 will reset the port power
switch operation to its original configuration.
If the UCS2112 is operating using Trip Current Limiting
and the ILIM setting has been reduced to its minimum
set point and the temperature is above TREG, the port
power switch will be closed and the current limit will be
held at its minimum setting until the temperature drops
below TREG - TREG_HYST.
7.3.1.2
Thermal Shutdown
The second stage of thermal management consists of
a hardware implemented thermal shutdown corre-
sponding to the maximum allowable internal die tem-
perature (TTSD). If the internal temperature exceeds
this value, the port power switches (both ports) will
immediately be turned off until the temperature is
below TTSD -TTSD_HYST.
7.4
VBUS Discharge
The UCS2112 will discharge VBUS through an internal
100
 resistor when at least one of the following condi-
tions occurs:
• The PWR_EN control is disabled (triggered on the
inactive edge of the PWR_EN control).
• A portable device Removal Detection event is
flagged if the Attach/Removal Detect feature is
enabled (by default it is disabled).
•The VS voltage drops below a specified threshold
(VS_UVLO) that causes the port power switch to be
disabled.
• When commanded into the Sleep power state.
• Upon recovery from the Error state.
• When commanded via the SMBus in the Active
state.
• Any time the port power switch is activated after
the VBUS bypass switch has been on (i.e., when-
ever VBUS voltage transitions from being driven
from VDD to being driven from VS, such as going
from Detect to Active power state) if the
Attach/Removal Detect feature is enabled (by
default it is disabled).
• Any time the VBUS bypass switch is activated after
the port power switch has been on (i.e., going
from Active to Detect power state) if the
Attach/Removal Detect feature is enabled (by
default it is disabled).
When the VBUS discharge circuitry is activated at the
end of the tDISCHARGE time, the UCS2112 will confirm
that VBUS was discharged. If the VBUS voltage is not
below the VTEST level, a discharge error will be
flagged (by setting the DISCH_ERR(1/2) status bit)
and the UCS2112 will enter the Error state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com