Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 20Page - Microchip Technology UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology UCS2112 Datasheet HTML 25Page - Microchip Technology UCS2112 Datasheet HTML 26Page - Microchip Technology UCS2112 Datasheet HTML 27Page - Microchip Technology UCS2112 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
UCS2112
DS20005424B-page 24
 2015 Microchip Technology Inc.
5.4
Discrete Output Pins
5.4.1
ALERT#1 AND ALERT#2 OUTPUT
PINS
The UCS2112 has two independent ALERT# out pins.
ALERT#1 is tied to the status of the VBUS1 pin.
ALERT#2 is tied to the status of the VBUS2 pin.
The ALERT# pin is an active-low open-drain interrupt
to the host controller. The ALERT# pin is asserted
when an error occurs. The ALERT# pin can also be
asserted when the LOW_CUR (portable device is pull-
ing less current and may be finished charging) or
TREG (thermal regulation temperature exceeded) bits
are set and linked. As well, when charge rationing is
enabled, the ALERT# pin is asserted by default when
the current rationing threshold is reached (as deter-
mined by RATION_BEH<1:0>). The ALERT# pin is
released when all error conditions that may assert the
ALERT# pin (such as an error condition, charge
rationing, and TREG and LOW_CUR if linked) have
been removed or reset as necessary.
5.4.2
BOOST# OUTPUT PIN
The UCS2112 provides a BOOST# output pin to com-
pensate for voltage drops during high loads. The
BOOST# pin is an active-low, open-drain output that
would be connected to a resistor in the DC-DC Con-
verter’s feedback error voltage loop (see Figure 5-3).
The
BOOST#
pin
is
asserted
when
VBUS Current > IBOOST. IBOOST typical value is 1.9A.
The BOOST# is OR’ed for both VBUS1 and VBUS2 ports.
When the BOOST# pin is asserted, it will remain in this
state for at least tBOOST_MAT (minimum assertion time).
FIGURE 5-3:
Boost# Pin Usage.
5.5
Discrete Input Pins
5.5.1
COMM_ILIM INPUT
The COMM_ILIM input determines the communica-
tions mode, as shown in Table 7-1. This is also the
hardware strap for MAX Current Limit.
5.5.2
SMCLK
When operated in Stand-Alone mode, this pin should be
tied to ground. When the UCS2112 is configured for
SMBus communications, the SMCLK is the clock input.
5.5.3
SMDATA
When used in Stand-Alone, this pin should be tied to
ground.
When the UCS2112 is configured for SMBus commu-
nications, the SMDATA is the data input/output.
DC-DC
Converter Block
5.0VOUT
FeedBack
GND
R1
R2
R3
R4
VFB
A_DET#1
PWR_EN1
BOOST#
1
2
3
4
5
15
14
13
12
PWR_EN2
A_DET#2
VBUS1
COMM_ILIM
11
GND FLAG
UCS2112
20-QFN 4x4 mm
VBUS1
VBUS2
VBUS2
5V
OUT
R
1
R
2
R
3
++
 V
FB
R
3
--------------------------------------------------------
=
V
OUT
R
2
R
3
+
 R
1
V
FB
R
3
R
4
--------------------------------------------------------
=
V
OUT
5V
OUT
V
FB
--------------------
R
1
R
3
------
–


 R1 VFB
R
4
------------------------
=
If R1 R3
V
OUT
5V
OUT
R
1
R
4
---------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com