Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 49 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 49 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 45Page - Microchip Technology UCS2112 Datasheet HTML 46Page - Microchip Technology UCS2112 Datasheet HTML 47Page - Microchip Technology UCS2112 Datasheet HTML 48Page - Microchip Technology UCS2112 Datasheet HTML 49Page - Microchip Technology UCS2112 Datasheet HTML 50Page - Microchip Technology UCS2112 Datasheet HTML 51Page - Microchip Technology UCS2112 Datasheet HTML 52Page - Microchip Technology UCS2112 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 49
UCS2112
9.5
Auto-Recovery Register
The contents of this register are retained in Sleep.
The Auto-Recovery Configuration register sets the
parameters used when the Auto-recovery fault han-
dling algorithm is invoked. Once the Auto-recovery fault
handling algorithm has checked the overtemperature
and back-drive conditions, it will set the ILIM value to
ITEST and then turn on the port power switch and start
the tTST timer. If, after the timer has expired, the VBUS
voltage is less than VTEST, then it is assumed that a
short-circuit condition is present and the Error state is
restarted for Auto Recovery.
REGISTER 9-11:
AUTO RECOVERY CONFIGURATION REGISTER (ADDRESS 15H)
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
LATCHS
TCYCLE<2:0>
TTST<1:0>
VTST_SW<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
LATCHS:
Latch Set - Controls the fault-handling routine that is used in the case that an error is detected.
1
= Error state will be latched. In order for the UCS2112 to return to normal Active state, the ERR bit
must be cleared by the user.
0
= The UCS2112 will automatically retry when an error condition is detected.
bit 6-4
TCYCLE<2:0>:
Defines the delay (tCYCLE) after the Error state is entered before the Auto-recovery fault
handling algorithm is started as shown below.
000
= 15 ms
001
= 20 ms
010
= 25 ms
011
= 30 ms
100
= 35 ms
101
= 40 ms
110
= 45 ms
111
= 50 ms
bit 3-2
TTST<1:0>:
Retry Duration timer - Sets the tTST as shown below.
00
= 10 ms
01
= 15 ms
10
= 20 ms
11
= 25 ms
bit 1-0
VTST_SW:
Short-circuit Voltage Threshold VTEST voltage threshold that must be crossed during retries
to declare the short removed.
00
= 250 mV
01
= 500 mV
10
= 750 mV
11
= 1000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com