Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 25 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology UCS2112 Datasheet HTML 25Page - Microchip Technology UCS2112 Datasheet HTML 26Page - Microchip Technology UCS2112 Datasheet HTML 27Page - Microchip Technology UCS2112 Datasheet HTML 28Page - Microchip Technology UCS2112 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 25
UCS2112
6.0
DETECT STATE
6.1
Device Attach / Removal Detection
The UCS2112 can detect the attachment and removal
of a portable device on the VBUS1 or VBUS2 ports.
6.1.1
VBUS BYPASS SWITCH
The UCS2112 contains circuitry to provide VBUS cur-
rent as shown in Figure 6-1. In the Detect state, VDD is
the voltage source; in the Active state, VS is the voltage
source. The bypass switch and the port power switch
are never both on at the same time.
FIGURE 6-1:
Bypass Switch.
While the VBUS bypass switch is active, the current
available to a portable device will be limited to IBUS_BYP
and the Attach Detection feature will be active.
6.1.2
ATTACH DETECTION
The primary Attach Detection feature is only active in
the Detect power state. When active, this feature con-
stantly monitors the current load on the VBUS1 or VBUS2
pins. If the current drawn by a portable device is greater
than IDET_QUAL for longer than tDET_QUAL, an Attach
Detection event occurs. This will cause the A_DET#
status bits to be set.
Until the port power switch is enabled, the current avail-
able to a portable device will be limited to that used to
detect device attachment (IDET_QUAL). Once an Attach
Detection event occurs, the UCS2112 will wait for the
PWR_EN control to be enabled (if not already). When
PWR_EN is enabled and VS is above the threshold, the
UCS2112 will activate the VBUS port power switch and
operate in Active state.
6.1.3
REMOVAL DETECTION
The Removal Detection feature will be active in the
Active and Detect power states. This feature monitors
the current load on the VBUS1 and VBUS2 pins. If this
load drops to less than IREM_QUAL_DET for longer than
tREM_QUAL, a Removal Detection event is flagged.
When a Removal Detection event is flagged, the follow-
ing will be done:
1.
Disable the port power switch and the bypass
switch.
2.
Set the REM status register bit.
3.
Enable an internal discharging device that will
discharge the VBUS line within tDISCHARGE.
4.
Once the VBUS pin has been discharged, the
device will return to the Detect state regardless
of the PWR_EN control state.
Note:
By default, device attach / removal detec-
tion feature is disabled. It can be enabled
by clearing ATT_DISABLE bit 6 from
Register 9-9
Port Power
Switch
VDD
VS
VS
VBUS
VBUS
Bypass
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com