Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 16Page - Microchip Technology UCS2112 Datasheet HTML 17Page - Microchip Technology UCS2112 Datasheet HTML 18Page - Microchip Technology UCS2112 Datasheet HTML 19Page - Microchip Technology UCS2112 Datasheet HTML 20Page - Microchip Technology UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
UCS2112
DS20005424B-page 20
 2015 Microchip Technology Inc.
5.1
UCS2112 Power States
Power states are indicators of the device’s current
consumption in the System and the functionality of the
Digital Logic. Table 5-1 details the UCS2112 power
states.
Table 5-2 shows the settings for the various power
states, except Off and Error. If VDD < VDD_TH, the
UCS2112 is in the Off state.
TABLE 5-1:
POWER STATES DESCRIPTION
State
Description
Off
This power state is entered when the voltage at the VDD pin voltage is < VDD_TH. In this state, the device is con-
sidered “off”. The UCS2112 will not retain its digital states and register contents nor respond to SMBus/I2C™
communications. The port power switch and bypass switch will be off. See Section 5.1.1 “Off State Operation”.
Sleep
This is the lowest power state available. While in this state, the UCS2112 will retain digital functionality and wake
to respond to SMBus/I2C communications. See Section 5.1.2 “Sleep State Operation”.
Detect
The Detect power state should not be confused with the actual Attach / Removal Detection feature. Detect Power
State is both channels awaiting attachment. This is a lower-current power state. In this state, the device is actively
looking for a portable device to be attached. While in this state, the UCS2112 will retain the configuration and
charge rationing data, but it will not monitor the bus current. SMBus/I2C communications will be fully functional.
See Section 5.1.3 “Detect State Operation”.
Error
This power state is entered when a fault condition exists. Error power state is one or both channels in Fault Han-
dling. This state is updated as Priority One. The Interrupt Status Registers for each channel will update the fault
detected per channel. Only the channel that has detected a Fault will be affected since the other channel can
remain active if no fault is detected. See Section 5.1.5 “Error State Operation”.
Active
Active power State is one, or both channels active and sourcing current to the VBUS Port. This state is updated
as Priority Two. None of the channels have detected Fault. This power state provides full functionality. While in
this state, operations include activation of the port power switch, current limiting, and charge rationing. See
Section 5.1.4 “Active State Operation”
.
TABLE 5-2:
POWER STATES CONTROL SETTINGS
Power
State
PWR_EN1 PWR_EN2 ATT_DET
Portable
Device
Attached
Behavior
Sleep
disabled
disabled
N/A
N/A
• All switches disabled.
•VBUS will be near ground potential.
• The UCS2112 wakes to respond to SMBus
communications.
Detect
enabled
disabled
enabled
No
• Automatic transition to Active state when conditions
met for VBUS1(see Section 5.1.3.1 “Automatic
Transition from Detect to Active”
).
•VBUS2 pins have very low current delivery capability.
disabled
enabled
enabled
No
• Automatic transition to Active state when conditions
met for VBUS2 (see Section 5.1.3.1 “Automatic
Transition from Detect to Active”
).
•VBUS1 pins have very low current delivery capability.
enabled
enabled
enabled
No
• Automatic transition to Active state when conditions
met for both VBUS1 and VBUS2 (see Section 5.1.3.1
“Automatic Transition from Detect to Active”
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com