Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 28Page - Microchip Technology UCS2112 Datasheet HTML 29Page - Microchip Technology UCS2112 Datasheet HTML 30Page - Microchip Technology UCS2112 Datasheet HTML 31Page - Microchip Technology UCS2112 Datasheet HTML 32Page - Microchip Technology UCS2112 Datasheet HTML 33Page - Microchip Technology UCS2112 Datasheet HTML 34Page - Microchip Technology UCS2112 Datasheet HTML 35Page - Microchip Technology UCS2112 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
UCS2112
DS20005424B-page 32
 2015 Microchip Technology Inc.
If the RATION_EN control is set to ‘0’ prior to reaching
the charge rationing threshold, rationing will be dis-
abled and the Total Accumulated Charge registers will
be cleared. If the RATION_EN control is set to ‘0’ after
the charge rationing threshold has been reached, the
following additional steps occur:
1.
RATION status bit will be cleared.
2.
The ALERT# pin will be released if asserted by
the rationing circuitry and no other conditions
are present.
3.
The PWR_EN controls are checked to deter-
mine the power state.
Setting the RATION_RST control to ‘1’ will automati-
cally reset the Total Accumulated Charge registers to
00_00h. If this is done prior to reaching the charge
rationing threshold, the data will continue to be accu-
mulated restarting from 00_00h. If this is done after the
charge rationing threshold is reached, the UCS2112
will take action as shown in Table 7-3.
TABLE 7-4:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New Behavior
Actions Taken
Ignore
Report
Assert ALERT# pin.
Report and
Disconnect
1.
Assert ALERT# pin.
2.
Open port power switch. See the Report and Disconnect (default) in
Table 7-2
.
Disconnect and
Go to Sleep
1.
Open port power switch.
2.
Enter the Sleep state. See the Disconnect and Go to Sleep in Table 7-2.
Report
Ignore
Release ALERT# pin.
Report and
Disconnect
Open port power switch. See the Report and Disconnect (default) in Table 7-2.
Disconnect and
Go to Sleep
1.
Release the ALERT# pin.
2.
Open the port power switch.
3.
Enter the Sleep state. See the Disconnect and Go to Sleep in Table 7-2.
Report and
Disconnect
Ignore
1.
Release the ALERT# pin.
2.
Check the PWR_EN controls and enter the indicated power state if the
controls changed.
Report
Check the PWR_EN controls and enter the indicated power state if the controls
changed.
Disconnect and
Go to Sleep
1.
Release the ALERT# pin.
2.
Enter the Sleep state. See the Disconnect and Go to Sleep in Table 7-2.
Disconnect
and go to
Sleep
Ignore
Check the PWR_EN controls and enter the indicated power state if the controls
changed.
Report
1.
Assert the ALERT# pin.
2.
Check the PWR_EN controls and enter the indicated power state if the
controls changed.
Report and
Disconnect
1.
Assert the ALERT# pin.
2.
Check the PWR_EN controls to determine the power state then enter that
state except that the port power switch and bypass switch will not be
closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com