Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 22 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 18Page - Microchip Technology UCS2112 Datasheet HTML 19Page - Microchip Technology UCS2112 Datasheet HTML 20Page - Microchip Technology UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology UCS2112 Datasheet HTML 25Page - Microchip Technology UCS2112 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
UCS2112
DS20005424B-page 22
 2015 Microchip Technology Inc.
5.1.3
DETECT STATE OPERATION
When the UCS2112 is in the Detect state, the port power
switch will be disabled. The VBUS output will be con-
nected to the VDD voltage by a secondary bypass switch.
There are two methods for transitioning from the Detect
state to the Active state: automatic and host-controlled.
5.1.3.1
Automatic Transition
from Detect to Active
For the Detect state, enable PWR_EN1 and/or
PWR_EN2, and supply VDD ≥ VDD_TH. When a porta-
ble device is attached and an Attach Detection event
occurs, the UCS2112 will automatically transition to the
Active state.
5.1.3.2
State Change from Detect to Active
When conditions cause the UCS2112 to transition from
the Detect state to the Active state, the following
occurs:
• The Attach Detection feature will be disabled; the
Removal Detection feature remains enabled.
• The bypass switch will be turned off.
• The discharge switch will be turned on briefly for
tDISCHARGE.
• The port power switch will be turned on.
5.1.4
ACTIVE STATE OPERATION
Every time the UCS2112 enters the Active state, the
port power switches are closed. The UCS2112 cannot
be in the Active state (and therefore, the port power
switch cannot be turned on) if any of the following con-
ditions exist:
•VS <VS_UVLO
• PWR_EN1 and PWR_EN2 are disabled.
5.1.5
ERROR STATE OPERATION
The UCS2112 will enter the Error state from the Active
state when any of the following events are detected:
• The maximum allowable internal die temperature
(TTSD) has been exceeded.
• An overcurrent condition has been detected.
• An undervoltage condition on either VBUS pin has
been detected (see Section 5.3.4 “Undervoltage
Lockout on VS”
).
• A back-drive condition has been detected (see
Section 5.3.2 “Back-voltage Detection”
).
• A discharge error has been detected.
• An overvoltage condition on the VS pin.
The UCS2112 will enter the Error state from the Detect
state when a back-drive condition has been detected
on either port, or when the maximum allowable internal
die temperature has been exceeded.
The UCS2112 will enter the Error state from the Sleep
state when a back-drive condition has been detected.
When the UCS2112 enters the Error state, the port
power switch and the VBUS bypass switch will be dis-
abled while the ALERT# pin is asserted (by default).
They will remain off while in this power state. The
UCS2112 will leave this state as determined by the fault
handling selection.
With the Auto-recovery fault handler, after the tCYCLE
time period, the UCS2112 will check that all of the error
conditions have been removed.
If all of the error conditions have been removed, the
UCS2112 will return to the Active state or Detect state,
as applicable.
If the device is in the Error state and a Removal Detec-
tion event occurs, it will check the error conditions and
then return to the power state defined.
5.2
Communication
The UCS2112 can operate in SMBus mode (see
Section 8.0 “System Management Bus Protocol”
)
or Stand-alone mode. The resistor connected to the
COMM_ILIM pin determines the operating mode and
the hardware-set ILIM setting, as shown in Table 5-3.
Unless connected to GND or VDD, the resistors in
Table 5-3 are external pull-down resistors.
The SMBus address is specified in Section 8.2
“SMBus Address and RD/WR Bit”
.
TABLE 5-3:
COMMUNICATION DECODE
COMM_ILIM Pulldown
Resistor (±1%)
PWR_EN1 and
PWR_EN2 Polarity
ILIM (A)
Total ILIM (A)
(Note 1)
Communication
Mode
GND
Active-High
0.53
0.53+0.53
SMBUS
10 k
Active-High
0.96
0.96+0.96
SMBUS
12 k
Active-High
1.07
1.07+1.07
SMBUS
15 k
Active-High
1.28
1.28+1.28
SMBUS
18 k
Active-High
1.6
1.6+1.6
SMBUS
22 k
Active-High
2.13
2.13+2.13
SMBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com