Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 32Page - Microchip Technology UCS2112 Datasheet HTML 33Page - Microchip Technology UCS2112 Datasheet HTML 34Page - Microchip Technology UCS2112 Datasheet HTML 35Page - Microchip Technology UCS2112 Datasheet HTML 36Page - Microchip Technology UCS2112 Datasheet HTML 37Page - Microchip Technology UCS2112 Datasheet HTML 38Page - Microchip Technology UCS2112 Datasheet HTML 39Page - Microchip Technology UCS2112 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
UCS2112
DS20005424B-page 36
 2015 Microchip Technology Inc.
8.13
SMBus Send Byte
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol as
shown in Table 8-6.
8.14
SMBus Receive Byte
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g. set via Send
Byte). This is used for consecutive reads of the same
register as shown in Table 8-7.
8.14.1
STAND-ALONE OPERATING MODE
Stand-alone mode allows the UCS2112 to operate
without
active
SMBus/I2C
communications.
Stand-alone mode can be enabled by connecting a
pull-down resistor greater or equal to 47 k
 on the
COMM_ILIM pin as shown in Table 5-3.The SMCLK
pin should be tied to ground in this mode.
TABLE 8-6:
SEND BYTE PROTOCOL
START
Slave Address
WR
ACK
Register Address
ACK
STOP
1→0
YYYY_YYY
0
0
XXh
0
0 → 1
TABLE 8-7:
RECEIVE BYTE PROTOCOL
START
Slave Address
RD
ACK
Register Data
NACK
STOP
1→0
YYYY_YYY
1
0
XXh
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com