Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2112 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 19Page - Microchip Technology UCS2112 Datasheet HTML 20Page - Microchip Technology UCS2112 Datasheet HTML 21Page - Microchip Technology UCS2112 Datasheet HTML 22Page - Microchip Technology UCS2112 Datasheet HTML 23Page - Microchip Technology UCS2112 Datasheet HTML 24Page - Microchip Technology UCS2112 Datasheet HTML 25Page - Microchip Technology UCS2112 Datasheet HTML 26Page - Microchip Technology UCS2112 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 23
UCS2112
5.3
Supply Voltages
5.3.1
VDD SUPPLY VOLTAGE
The UCS2112 requires 4.5V to 5.5V present on the
VDD pin for core device functionality. Core device func-
tionality consists of maintaining register states,
wake-up upon SMBus/I2C query and Attach Detection.
5.3.2
BACK-VOLTAGE DETECTION
The back drive detector is functional in all power states
(Sleep, Detect, and Active).
When in Sleep, the UCS2112 will enter the Error state
from Sleep if a Back Drive condition was detected.
Whenever the following condition is true for either port,
the port power switch will be disabled, the VBUS bypass
switch will be disabled and a back-voltage event will be
flagged. This will cause the UCS2112 to enter the Error
power state (see Section 5.1.5 “Error State Opera-
tion”
).
5.3.3
BACK-DRIVE CURRENT
PROTECTION
If a portable device is attached that is self-powered, it
may drive the VBUS port to its power supply voltage
level; however, the UCS2112 is designed such that
leakage current from the VBUS pins to the VDD and/or
the VS pin shall not exceed IBD_1 (if the VDD and/or VS
voltage is zero) or IBD_2 (if the VDD and/or VS voltage
exceeds VDD_TH).
5.3.4
UNDERVOLTAGE LOCKOUT ON VS
The UCS2112 requires a minimum voltage (VS_UVLO)
be present on the VS pin for Active power state.
5.3.5
OVERVOLTAGE DETECTION AND
LOCKOUT ON VS/VDD
The UCS2112 port power switch will be disabled if the
voltage on the VS pin exceeds a voltage (VS_OV) for
longer than the specified time (tMASK). This will cause
the device to enter the Error state.
5.3.6
PWR_EN1 AND PWR_EN2 INPUT
The PWR_EN control affects the power state and
enables the port power switch to be turned on if condi-
tions are met (see Table 5-2). The port power switch
cannot be closed if PWR_EN is disabled. However, if
PWR_EN is enabled, the port power switch is not nec-
essarily closed (see Section 5.1.4 “Active State
Operation”
). In SMBus mode, the PWR_EN1 and
PWR_EN2 pins states will be ignored by the UCS2112
if the PIN_IGN configuration bit is set; otherwise, the
PWR_EN1S and PWR_EN2S configuration bits are
checked along with the pins.
27 k
Active-High
2.67
2.67+2.67
SMBUS
33 k
Active-High
3.2
3.2+3.2
SMBUS
47 k
Active-Low
0.53
0.53+0.53
Stand-Alone
56 k
Active-Low
0.96
0.96+0.96
Stand-Alone
68 k
Active-Low
1.07
1.07+1.07
Stand-Alone
82 k
Active-Low
1.28
1.28+1.28
Stand-Alone
100 k
Active-Low
1.6
1.6+1.6
Stand-Alone
120 k
Active-Low
2.13
2.13+2.13
Stand-Alone
150 k
Active-Low
2.67
2.67+2.67
Stand-Alone
VDD
Active-Low
3.2
3.2+3.2
Stand-Alone
Note 1:
The total maximum current depends on power dissipation characteristics of the design (see Table 1-1)
TABLE 5-3:
COMMUNICATION DECODE (CONTINUED)
COMM_ILIM Pulldown
Resistor (±1%)
PWR_EN1 and
PWR_EN2 Polarity
ILIM (A)
Total ILIM (A)
(Note 1)
Communication
Mode
Note:
The VBUS voltage exceeds the VS and/or
the VDD pin voltage by VBV_TH and the
port power switch is closed. The port
power switch will be opened immediately.
If the condition lasts for longer than tMASK,
then the UCS2112 will enter the Error
state. Otherwise, the port power switch
will be turned on as soon as the condition
is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com