Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 115 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 115 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 111Page - SPANSION MB9BF412R Datasheet HTML 112Page - SPANSION MB9BF412R Datasheet HTML 113Page - SPANSION MB9BF412R Datasheet HTML 114Page - SPANSION MB9BF412R Datasheet HTML 115Page - SPANSION MB9BF412R Datasheet HTML 116Page - SPANSION MB9BF412R Datasheet HTML 117Page - SPANSION MB9BF412R Datasheet HTML 118Page - SPANSION MB9BF412R Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 121 page
background image
DataS h eet
112
MB9B410R-DS706-00026-3v0-E, February 27, 2015
CONFIDENTIAL
Package Dimensions
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
14.00 mm × 14.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.65 g
100-pin plastic LQFP
(FPT-100P-M23)
(FPT-100P-M23)
C
2009-2010 FUJITSU SEMICONDUCTOR LIMITED F100034S-c-3-4
16.00±0.20(.630±.008)SQ
125
51
76
75
100
0.50(.020)
0.22±0.05
M
0.08(.003)
*14.00±0.10(.551±.004)SQ
26
50
0.145±0.055
(.006±.002)
0.08(.003)
"A"
INDEX
0°~8°
0.50±0.20
0.10±0.10
(Stand off)
+.008
+0.20
(Mounting height)
-0.10
1.50
.059 -.004
(
)
0.60±0.15
0.25(.010)
Dimensions in mm (inches).
Note:The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Details of "A" part
(.004±.004)
(.009±.002)
(.020±.008)
(.024±.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com