Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 117 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 117 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 113Page - SPANSION MB9BF412R Datasheet HTML 114Page - SPANSION MB9BF412R Datasheet HTML 115Page - SPANSION MB9BF412R Datasheet HTML 116Page - SPANSION MB9BF412R Datasheet HTML 117Page - SPANSION MB9BF412R Datasheet HTML 118Page - SPANSION MB9BF412R Datasheet HTML 119Page - SPANSION MB9BF412R Datasheet HTML 120Page - SPANSION MB9BF412R Datasheet HTML 121Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
DataS h eet
114
MB9B410R-DS706-00026-3v0-E, February 27, 2015
CONFIDENTIAL
100-pin plastic QFP
Lead pitch
0.65 mm
Package width ×
package length
14.00 mm × 20.00 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
3.35 mm MAX
Code
(Reference)
P-QFP100-14 × 20-0.65
100-pin plastic QFP
(FPT-100P-M36)
(FPT-100P-M36)
2011 FUJITSU SEMICONDUCTOR LIMITED HMbF100-36Sc-1-1
C
130
31
50
51
80
81
100
20.00±0.20(.787±.008)
23.90±0.40(.941±.016)
(.551±.008)
17.90± 0.40
(.705±.016)
INDEX
0.65(.026)
0.32 ± 0.05
(.013±.002)
M
0.13(.005)
"A"
0.17 ± 0.06
(.007 ±. 002)
0.10(.004)
Details of "A" part
(.035 ±. 006)
0.88 ± 0.15
(.031 ±. 008)
0.80 ± 0.20
0.25(.010)
3.00
+0.35
–0.20
+.014
–.008
.118
(Mounting height)
0.25 ± 0.20
(.010 ±. 008)
(Stand off)
0~8°
*
*14.00±0.20
Dimensions in mm (inches).
Note: The valuesin parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com