Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 119 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 119 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 113Page - SPANSION MB9BF412R Datasheet HTML 114Page - SPANSION MB9BF412R Datasheet HTML 115Page - SPANSION MB9BF412R Datasheet HTML 116Page - SPANSION MB9BF412R Datasheet HTML 117Page - SPANSION MB9BF412R Datasheet HTML 118Page - SPANSION MB9BF412R Datasheet HTML 119Page - SPANSION MB9BF412R Datasheet HTML 120Page - SPANSION MB9BF412R Datasheet HTML 121Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
D a t a S h e e t
116
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
5
 FEATURES
 External Interrupt Controller Unit
Corrected the external interrupt input pin.
101
ELECTRICAL CHARACTERISTICS
5. 12-bit A/D Converter
Electrical Characteristics for the A/D
Converter
Corrected the value of "Compare clock cycle".
Max: 10000 → 2000
106
ORDERING INFORMATION
Corrected the part number.
Revision 2.1
-
-
Company name and layout design change
Revision 3.0
2
Features
External Bus Interface
Added the description of Maximum area size
9
Packages
Deleted the description of ES
27, 28
List of Pin Functions
· List of pin numbers
Modified I/O circuit type of P63 to P68
47, 49
I/O Circuit Type
Added the description of I2C to the type of E, F and I
47, 48
I/O Circuit Type
Added about +B input
54
Handling Devices
Added "
tabilizing power supply voltage"
54
Handling Devices
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
55
Handling Devices
C Pin
Changed the description
56
Block Diagram
Modified the block diagram
57
Memory Map
· Memory map(1)
Modified the area of "Extarnal Device Area"
58, 59
Memory Map
· Memory map(2)(3)
Added the summary of Flash memory sector and the note
66, 67
Electrical Characteristics
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added the output current of P80 and P81
· Added about +B input
68
Electrical Characteristics
2. Recommended Operation Conditions
· Modified the minimum value of Analog reference voltage
· Added Smoothing capacitor
· Added the note about less than the minimum power supply voltage
69, 70
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Added Flash Memory Current
· Moved A/D Converter Current
· Modified the unit of low voltage detection circuit (LVD) power supply
current
73
Electrical Characteristics
4. AC Characteristics
(1) Main Clock Input Characteristics
Added Master clock at Ingernal operating clock frequency
74
Electrical Characteristics
4. AC Characteristics
(3) Built-in CR Oscillation Characteristics
Added Frequency stability time at Built-in high-speed CR
75
Electrical Characteristics
4. AC Characteristics
(4-1) Operating Conditions of Main PLL
(4-2) Operating Conditions of Main PLL
· Added Main PLL clock frequency
· Added the figure of Main PLL connection
76
Electrical Characteristics
4. AC Characteristics
(6) Power-on Reset Timing
· Added Time until releasing Power-on reset
· Changed the figure of timing
78-80
Electrical Characteristics
4. AC Characteristics
(7) External Bus Timing
Modified Data output time
88-95
Electrical Characteristics
4. AC Characteristics
(8) CSIO/UART Timing
· Modified from UART Timing to CSIO/UART Timing
· Changed from Internal shift clock operation to Master mode
· Changed from External shift clock operation to Slave mode
102
Electrical Characteristics
5. 12bit A/D Converter
· Added the typical value of Integral Nonlinearity, Differential Nonlinearity,
Zero transition voltage and Full-scale transition voltage
· Modified Stage transition time to operation permission
· Modified the minimum value of Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com