Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 178 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 178 Page - SPANSION

Back Button MB91F528 Datasheet HTML 174Page - SPANSION MB91F528 Datasheet HTML 175Page - SPANSION MB91F528 Datasheet HTML 176Page - SPANSION MB91F528 Datasheet HTML 177Page - SPANSION MB91F528 Datasheet HTML 178Page - SPANSION MB91F528 Datasheet HTML 179Page - SPANSION MB91F528 Datasheet HTML 180Page - SPANSION MB91F528 Datasheet HTML 181Page - SPANSION MB91F528 Datasheet HTML 182Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
175
CONFIDENTIAL
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“L” level
output voltage
VOL1
Normal output
pin
Vcc=4.5V
IOL=4.0mA
0
-
0.4
V
Vcc=3.0V
IOL=2.0mA
P076,200,201,
204,205,210,
211,214,215,
220,221,225,
226,230,231,
234,235
Vcc=4.5V
IOL=4.0mA
0
-
0.4
V
When I
2C
function is
non-select
ed
Vcc=3.0V
IOL=2.0mA
VOL2
P073,074,077
Vcc=4.5V
IOL=3.0mA
0
-
0.4
V
I
2C pin
output
P076,200,201,
204,205,210,
211,214,215,
220,221,225,
226,230,231,
234,235
Vcc=4.5V
IOH=-3.0mA
0
-
0.4
V
When I
2C
function is
non-select
ed
VOL3
P103 to 106
Vcc=4.5V
IOL=12.0mA
0
-
0.4
V
Vcc=3.0V
IOL=8.0mA
“H” level
input voltage
*1
VIH1
P000,002,003,
005,020,022,
024,026,035,
041,045,055,
057,071-077,
081,082,093,
096,097,
100-102,
111,115,116,
122,126,130,
134,150,151,
153,200-202,
204-206,210-2
12,214-216,22
0-222,225-227
,230-232,234-
236,TCK,TDI,
TMS,TRST
CMOS
hysteresis input
level
0.7×
VCC
-
VCC
V
VIH2
P001,004,006,
007,010-017,
052,114,120,
123,155
CMOS
hysteresis input
level
0.7×
VCC
-
VCC
V
VIH3
Automotive
input level
0.8×
VCC
-
VCC
V
VIH4
Port other than
VIH1,VIH2,VIH3
Automotive
input level
0.8×
VCC
-
VCC
V
VIH5
RSTX,NMIX,
MD0,MD1
CMOS
hysteresis input
level
0.8×
VCC
-
VCC
V
VIHT
DEBUGIF
TTL input level
2
-
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com