Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 180 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 180 Page - SPANSION

Back Button MB91F528 Datasheet HTML 176Page - SPANSION MB91F528 Datasheet HTML 177Page - SPANSION MB91F528 Datasheet HTML 178Page - SPANSION MB91F528 Datasheet HTML 179Page - SPANSION MB91F528 Datasheet HTML 180Page - SPANSION MB91F528 Datasheet HTML 181Page - SPANSION MB91F528 Datasheet HTML 182Page - SPANSION MB91F528 Datasheet HTML 183Page - SPANSION MB91F528 Datasheet HTML 184Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
177
CONFIDENTIAL
4. AC Characteristics
(1) Main Clock Timing
(TA: -40°C to +125°C,VCC= AVCC=5.0V ± 10%/VCC=AVCC=3.3V±0.3V,VSS =AVSS=0.0V)
Parameter
Sym
bol
Pin
name
Con
ditio
ns
Value
Unit
Remarks
Min
Typ
Max
Source oscillation
clock frequency
FC
X0, X1
-
-
4
16
MHz
Source oscillation
clock cycle time
tCYL
X0, X1
62.5
250
-
ns
Internal operating
clock frequency
*1
FCP
-
2
-
128
MHz
CPU clock
*3
FCPP
1
40
Peripheral bus
clock
FCPT
1
40
External bus clock
(When VCC=5.0V is
used)
*2
1
32
External bus clock
(When VCC=3.3V is
used)
Internal operating
clock cycle time
*1
tCP
-
7.82
-
500
ns
CPU clock
*4
tCPP
25
1000
Peripheral bus
clock
tCPT
25
1000
External bus clock
(When VCC=5.0V is
used)
31.25
1000
External bus clock
(When VCC=3.3V is
used)
CAN PLL jitter
(during lock)
tPJ
-
-10
-
10
ns
FCP=80MHz
(4MHzMultiplied
by 20)
Built-in CR
oscillation frequency
FCCR
-
50
100
150
kHz
*1: The maximum / minimum value is defined when using the main clock and PLL clock.
*2: Please use it with external load capacity 12pF or less for VCC=3.3V±0.3V (40MHz operation).
*3: MB91F52xR/MB91F52xU(LQFP) is 80MHz or less.
MB91F52xR/MB91F52xU(TEQFP) and MB91F52xM/MB91F52xY is 128MHz or less.
*4: MB91F52xR/MB91F52xU(LQFP) is 12.5ns or more.
MB91f52xR/MB91F52xU(TEDFP) and MB91F52xM/MB91F52xY is 7.82ns or more.
X0,X1 clock timing
X0
tCYL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com