Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 177 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 177 Page - SPANSION

Back Button MB91F528 Datasheet HTML 173Page - SPANSION MB91F528 Datasheet HTML 174Page - SPANSION MB91F528 Datasheet HTML 175Page - SPANSION MB91F528 Datasheet HTML 176Page - SPANSION MB91F528 Datasheet HTML 177Page - SPANSION MB91F528 Datasheet HTML 178Page - SPANSION MB91F528 Datasheet HTML 179Page - SPANSION MB91F528 Datasheet HTML 180Page - SPANSION MB91F528 Datasheet HTML 181Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 241 page
background image
D a t a S h e et
174
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(TA: -40°C to +125°C, VCC= AVCC=5.0V ± 10%/Vcc=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input leak
current
IIL
All input pins
VCC=AVCC=5.5V
VSS<VI<VCC
-5
-
5
µA
Input
capacitance 1
CIN1
Other than
VCC,VCCE,
VSS, AVCC,
AVSS, C
-
-
5
15
pF
Pull-up
resistance
RUP1
RSTX, NMIX
VCC=5.0V±10%
25
-
100
kΩ
Vcc=3.3V±0.3V
45
-
140
RUP2
P073,074,077
VCC=5.0V±10%
25
-
60
kΩ
Vcc=3.3V±0.3V
33
-
90
RUP3
Port pin other
than
P035,041,073,
074,077,093,
122,222,227,
232,236
VCC=5.0V±10%
25
-
100
kΩ
Vcc=3.3V±0.3V
45
-
140
“H” level
output
voltage
*1
VOH1
Normal output
pin
Vcc=4.5V
IOH=-4.0mA
VCC
-0.5
-
VCC
V
Vcc=3.0V
IOH=-2.0mA
P076,200,201,
204,205,210,
211,214,215,
220,221,225,
226,230,231,
234,235
Vcc=4.5V
IOH=-4.0mA
VCC
-0.5
-
VCC
V
When I
2C
function is
non-select
ed
Vcc=3.0V
IOH=-2.0mA
VOH2
P073,074,077
Vcc=4.5V
IOH=-3.0mA
VCC
-0.5
-
VCC
V
I
2C pin
output
P076,200,201,
204,205,210,
211,214,215,
220,221,225,
226,230,231,
234,235
Vcc=4.5V
IOH=-3.0mA
VCC
-0.5
-
VCC
V
When I
2C
function is
non-select
ed
VOH3
P103 to 106
Vcc=4.5V
IOH=-12.0mA
VCC
-0.5
-
VCC
V
Vcc=3.0V
IOH=-8.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com