Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 173 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 173 Page - SPANSION

Back Button MB91F528 Datasheet HTML 169Page - SPANSION MB91F528 Datasheet HTML 170Page - SPANSION MB91F528 Datasheet HTML 171Page - SPANSION MB91F528 Datasheet HTML 172Page - SPANSION MB91F528 Datasheet HTML 173Page - SPANSION MB91F528 Datasheet HTML 174Page - SPANSION MB91F528 Datasheet HTML 175Page - SPANSION MB91F528 Datasheet HTML 176Page - SPANSION MB91F528 Datasheet HTML 177Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 241 page
background image
D a t a S h e et
170
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
3. DC characteristics
(TA: -40°C to +105°C, VCC= AVcc=5.0V±10%/ VCC= AVcc=3.3V±0.3V ,VSS=AVSS=0.0V)
Para
meter
Symb
ol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current
ICC5
VCC
Operating frequency
FCP=128MHz, Fcpp=32MHz,
*3
at normal operation
-
85
122
mA
Operating frequency
FCP=128MHz, Fcpp=32MHz,
*3
at Flash write
*2
-
95
135
mA
Operating frequency
FCP=128MHz, Fcpp=32MHz,
*3
at Flash erase
*2
-
95
135
mA
Operating frequency FCP=80MHz,
Fcpp=40MHz,
at normal operation
-
80
117
mA
Operating frequency FCP=80MHz,
Fcpp=40MHz,
at Flash write
*2
-
90
130
mA
Operating frequency FCP=80MHz,
Fcpp=40MHz,
at Flash erase
*2
-
90
130
mA
Operating frequency FCP=64MHz,
Fcpp=32MHz,
at normal operation
-
73
110
mA
Operating frequency FCP=64MHz,
Fcpp=32MHz,
at Flash write
*2
-
83
123
mA
Operating frequency FCP=64MHz,
Fcpp=32MHz,
at Flash erase
*2
-
83
123
mA
Operating frequency FCP=48MHz,
Fcpp=24MHz,
at normal operation
-
53
100
mA
Operating frequency FCP=48MHz,
Fcpp=24MHz,
at Flash write
*2
-
63
113
mA
Operating frequency FCP=48MHz,
Fcpp=24MHz,
at Flash erase
*2
-
63
113
mA
ICCS5
Operating frequency FCP=80MHz,
Fcpp=40MHz, at CPU sleep mode
-
57
94
mA
ICCBS5
Operating frequency FCP=80MHz,
Fcpp=40MHz, at bus sleep mode
-
39
79
mA
ICCT5
Watch
mode
When using crystal
4MHz TA=+25°C
*1
-
2000
3600
µA
When using built-in
CR clock 50kHz
TA=+25°C
*1
-
640
2440
When using sub
clock 32kHz
TA=+25°C
*1
-
660
2460
ICCH5
Stop mode
TA=+25°C
*1
-
640
2440
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com