Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 171 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 171 Page - SPANSION

Back Button MB91F528 Datasheet HTML 167Page - SPANSION MB91F528 Datasheet HTML 168Page - SPANSION MB91F528 Datasheet HTML 169Page - SPANSION MB91F528 Datasheet HTML 170Page - SPANSION MB91F528 Datasheet HTML 171Page - SPANSION MB91F528 Datasheet HTML 172Page - SPANSION MB91F528 Datasheet HTML 173Page - SPANSION MB91F528 Datasheet HTML 174Page - SPANSION MB91F528 Datasheet HTML 175Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 241 page
background image
D a t a S h e et
168
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
*6:
· Corresponding pins: all general-purpose ports except P035, 041, 093, 122, P222, P227, P232 and P236.
· Use within recommended operating conditions.
· Use at DC voltage (current).
· The + B signal should always be applied by connecting a limiting resistor between the + B signal and the
microcontroller.
· The value of the limiting resistor should be set so that the current input to the microcontroller pin does not
exceed rated values at any time regardless of instantaneously or constantly when the + B signal is input.
· Note that when the microcontroller drive current is low, such as in the low power consumption modes, the
+ B input potential can increase the potential at the VCC pin via a protective diode, possibly affecting other
devices.
· Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is
supplied through the pin, the microcontroller may operate incompletely.
· Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on
reset may not function in the power supply voltage.
· Do not leave + B input pins open.
*7: When it is used under this condition, contact your sales representative.
*8: It is a standard when four-layer substrate is used.
*9: Please see to the item of "Product lineup" for details.
*10: It is a condition that can be used by limiting the product type of TEQFP and BGA.
*11: It is a condition that can be used by the package limitation of FPT-144P-M08 and FPT-176P-M07.
*12: It is a condition that can be used by limiting the package of FPT-208P-M06.
Sample recommended circuit
MB91520 series
+B input (12 to 16V)
Protective diode
Limiting resistor current
<WARNING>
Semiconductor devices may be permanently damaged by application of stress (including, without limitation,
voltage, current or temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com