Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 172 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 172 Page - SPANSION

Back Button MB91F528 Datasheet HTML 168Page - SPANSION MB91F528 Datasheet HTML 169Page - SPANSION MB91F528 Datasheet HTML 170Page - SPANSION MB91F528 Datasheet HTML 171Page - SPANSION MB91F528 Datasheet HTML 172Page - SPANSION MB91F528 Datasheet HTML 173Page - SPANSION MB91F528 Datasheet HTML 174Page - SPANSION MB91F528 Datasheet HTML 175Page - SPANSION MB91F528 Datasheet HTML 176Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
169
CONFIDENTIAL
2. Recommended operating conditions
(VSS=AVSS=0.0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
VCCE
AVCC
4.5
5.5
V
Recommended operation guarantee
range (When 5.0V is used)
3.0
3.6
V
Recommended operation guarantee
range (When 3.3V is used)
2.7
5.5
V
Operation guarantee range
*1
Smoothing capacitor
*2
CS
4.7
(tolerance within ±50%)
µF
Use a ceramic capacitor or a
capacitor that has the similar
frequency characteristics. Use a
capacitor with a capacitance
greater than CS as the smoothing
capacitor on the VCC pin.
Operating temperature
TA
-40
+105
°C
-40
+125
°C
*3
*1: When it is used outside recommended operation guarantee range (range of the operation guarantee),contact
your sales representative. Moreover, minimum value with an effective external low-voltage detection reset
becomes a voltage until generating low-voltage detection reset.
*2: See the following diagram for details on the connection of smoothing capacitor CS.
*3: When it is used under this condition, contact your sales representative.
C Pin Connection Diagram
CS
C
VSS
AVSS
VSS
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition. Operation under
any conditions other than these conditions may adversely affect reliability of device and could result in
device failure. No warranty is made with respect to any use, operating conditions or combinations not
represented on this data sheet. If you are considering application under any conditions other than listed
herein, please contact sales representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com