Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 170 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 170 Page - SPANSION

Back Button MB91F528 Datasheet HTML 166Page - SPANSION MB91F528 Datasheet HTML 167Page - SPANSION MB91F528 Datasheet HTML 168Page - SPANSION MB91F528 Datasheet HTML 169Page - SPANSION MB91F528 Datasheet HTML 170Page - SPANSION MB91F528 Datasheet HTML 171Page - SPANSION MB91F528 Datasheet HTML 172Page - SPANSION MB91F528 Datasheet HTML 173Page - SPANSION MB91F528 Datasheet HTML 174Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
167
CONFIDENTIAL
 ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage *
1,*2
VCC
VSS-0.3
VSS+6.0
V
VCCE
VSS-0.3
VCC
V
Analog power supply voltage *
1,*2
AVCC
VSS-0.3
VSS+6.0
V
AVRH ≤ AVCC ≤
VCC
Analog reference voltage *
1
AVRH
VSS-0.3
VSS+6.0
V
AVRH ≤ AVCC
Input voltage *
1
VI
VSS-0.3
VCC+0.3
V
When VCCE pin
is a power supply
*9
VSS-0.3
VCCE+0.3
Analog pin input voltage *
1
VIA5
VSS-0.3
VCC+0.3
V
VSS-0.3
VCCE+0.3
V
When VCCE pin
is a power supply
*9
Output voltage *
1
Vo
VSS-0.3
VCC+0.3
V
Maximum clamp current
ICLAMP
-
4.0
mA
*6
Total maximum clamp current
Σ|I
CLAMP|
-
20
mA
*6
"L" level maximum output current *
3
IOL1
-
15
mA
IOL2
-
30
mA
"L" level average output current *
4
IOLAV1
-
4
mA
IOLAV2
-
12
mA
"L" level total output current *
5
ΣI
OL1
-
100
mA
ΣI
OL2
-
120
mA
"H" level maximum output current*
3
IOH1
-
-15
mA
IOH2
-
-30
mA
"H" level average output current*
4
IOHAV1
-
-4
mA
IOHAV2
-
-12
mA
"H" level total output current *
5
ΣI
OH1
-
-100
mA
ΣI
OH2
-
-120
mA
Power
consumption
TA: -40°C to +105°C
PD
-
990
mW
*8
TA: -40°C to +125°C
-
990
mW
*8, *10
-
780
mW
*8, *12
755
mW
*8, *11
Operating temperature
TA
-40
+105
°C
-40
+125
°C
*7
Storage temperature
Tstg
-55
+150
°C
*1: These parameters are based on the condition that VSS=AVSS=0.0V
*2: Caution must be taken that AVCC, AVRH and VCCE do not exceed VCC upon power-on and under other
circumstances.
*3: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*4: The average output current is defined as the value of the average current flowing through any one of the
corresponding pins for a 10 ms period. The average value is the operation current × the operation ratio.
*5: The total output current is defined as the maximum current value flowing through all of corresponding pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com