Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 183 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 183 Page - SPANSION

Back Button MB91F528 Datasheet HTML 179Page - SPANSION MB91F528 Datasheet HTML 180Page - SPANSION MB91F528 Datasheet HTML 181Page - SPANSION MB91F528 Datasheet HTML 182Page - SPANSION MB91F528 Datasheet HTML 183Page - SPANSION MB91F528 Datasheet HTML 184Page - SPANSION MB91F528 Datasheet HTML 185Page - SPANSION MB91F528 Datasheet HTML 186Page - SPANSION MB91F528 Datasheet HTML 187Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 241 page
background image
D a t a S h e et
180
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
Guaranteed operation range
Internal operation clock frequency vs. Power supply voltage
Internal operation clock frequency FCP (MHz)
80(MB91F52xR/MB91F52xU(LQFP))
4
2
2.7
5.5
MB91F52x guaranteed operation
range
PLL guaranteed operation
range
4.5
MB91F52xrecommended guaranteed
operation range
128(MB91F52xR/MB91F52xU(TEQFP),
MB91F52xM/MB91F52xY)
3.6
3.0
Note: The power supply voltage, which is the low-voltage detection setting voltage or lower, is in the
reset state.
Oscillation clock frequency vs. Internal operation clock frequency
Internal operation clock frequency
Main
Clock
PLL clock
Multipli
ed by 1
Multipli
ed by 2
Multipli
ed by 3
Multipli
ed by 4
...
Multipli
ed by
31
Multipli
ed by
32
Oscillation
clock
frequency
4MHz
2MHz
4MHz
8MHz
12MHz
16MHz
...
124MHz 128MHz
Example of oscillation circuit
X1
X0
R=0Ω
C2=10pF
C1=10pF
4MHz
Note: As to the product with its clock supervisor
’s initial value is “ON”, when the oscillator is unable
to start within 20ms from the stop state the clock supervisor will detect the oscillation stop. As
a result, the CPU moves to the fail safe operation.
Design your print circuit board so that the oscillator can start oscillation within 20ms.
Moreover, it is recommended to be designed after the match evaluation of the circuit is
requested to the departure pendulum maker when the oscillation circuit is composed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com