Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 186 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 186 Page - SPANSION

Back Button MB91F528 Datasheet HTML 182Page - SPANSION MB91F528 Datasheet HTML 183Page - SPANSION MB91F528 Datasheet HTML 184Page - SPANSION MB91F528 Datasheet HTML 185Page - SPANSION MB91F528 Datasheet HTML 186Page - SPANSION MB91F528 Datasheet HTML 187Page - SPANSION MB91F528 Datasheet HTML 188Page - SPANSION MB91F528 Datasheet HTML 189Page - SPANSION MB91F528 Datasheet HTML 190Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
183
CONFIDENTIAL
(3) Power-on Conditions
(TA: -40°C to +125°C , VSS=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ Max
Level detection
voltage
–
VCC
–
2.024
2.2
2.376
V
Level detection
hysteresis width
–
VCC
–
–
100
–
mV
Level detection time
–
–
–
–
–
30
µs
*1
Slope detection
undetected standard
–
VCC
VCC = at level
detection release
level time
–
–
4
mV/µs *2
Power off time
tOFF
VCC
–
50
–
–
ms
*3
*1: If the fluctuation of the power supply is faster than the low voltage detection time, there is the possibility to
generate or release after the power supply voltage has exceeded the detection voltage range.
*2: When setting the power supply fluctuation to this standard or less, it is possible to suppress the slope
detection. This is the standard when the power supply fluctuation is stable.
*3: This time is to start the slope detection at next power on after power down and internal charge loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com