Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 185 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 185 Page - SPANSION

Back Button MB91F528 Datasheet HTML 181Page - SPANSION MB91F528 Datasheet HTML 182Page - SPANSION MB91F528 Datasheet HTML 183Page - SPANSION MB91F528 Datasheet HTML 184Page - SPANSION MB91F528 Datasheet HTML 185Page - SPANSION MB91F528 Datasheet HTML 186Page - SPANSION MB91F528 Datasheet HTML 187Page - SPANSION MB91F528 Datasheet HTML 188Page - SPANSION MB91F528 Datasheet HTML 189Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 241 page
background image
D a t a S h e et
182
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(2) Reset Input
(TA: -40°C to +125°C, VCC= AVCC=5.0V ± 10%/VCC=AVCC=3.3V±0.3V, VSS=AVSS=0.0V)
Parameter
Sym
bol
Pin
name
Con
ditio
ns
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RSTX
–
10
–
µs
When normal
operation
Oscillation time of oscillator*
+100
–
µs
At Stop mode
100
–
µs
At Watch mode
Width for reset
input removal
1
–
µs
*: The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90%. For
crystal oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is
between several hundred μs and several ms, and for an external clock, the time is 0 ms.
RSTX
0.2 vcc
0.2 vcc
tRSTL
At Stop mode
0.2 VCC
100
μs
RSTX
X0
90% of
amplitude
Internal operation
clock
Oscillation time
of oscillator
Oscillation stabilization
waiting time
Instruction
execution
Internal reset
0.2 VCC
tRSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com