Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 192 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 192 Page - SPANSION

Back Button MB91F528 Datasheet HTML 188Page - SPANSION MB91F528 Datasheet HTML 189Page - SPANSION MB91F528 Datasheet HTML 190Page - SPANSION MB91F528 Datasheet HTML 191Page - SPANSION MB91F528 Datasheet HTML 192Page - SPANSION MB91F528 Datasheet HTML 193Page - SPANSION MB91F528 Datasheet HTML 194Page - SPANSION MB91F528 Datasheet HTML 195Page - SPANSION MB91F528 Datasheet HTML 196Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
189
CONFIDENTIAL
Internal shift clock mode
tSCYC
tSHOVI
tSOVLI
tSLIXI
tIVSLI
2.4V
2.4V
0.8V
0.8V
VIH
VIL
VIH
VIL
2.4V
0.8V
0.8V
SCKx
SOTx
SINx
External shift clock mode
tSLSH
tSHSL
tSHOVE
tR
tF
tSLIXE
tIVSLE
2.4V
0.8V
VIH
VIL
VIL
VIL
VIL
VIH
VIH
VIH
VIH
VIL
2.4V
0.8V
SCKx
*
SOTx
SINx
*: It writes in the TDR register and, then, it changes.
tIVSHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com