Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 193 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 193 Page - SPANSION

Back Button MB91F528 Datasheet HTML 189Page - SPANSION MB91F528 Datasheet HTML 190Page - SPANSION MB91F528 Datasheet HTML 191Page - SPANSION MB91F528 Datasheet HTML 192Page - SPANSION MB91F528 Datasheet HTML 193Page - SPANSION MB91F528 Datasheet HTML 194Page - SPANSION MB91F528 Datasheet HTML 195Page - SPANSION MB91F528 Datasheet HTML 196Page - SPANSION MB91F528 Datasheet HTML 197Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 241 page
background image
D a t a S h e et
190
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(4-1-4) Bit setting: SMR : MD2=0, SMR:MD1=1, SMR : MD0=0, SMR:SCINV=1, SCR:SPI=1
(TA:-40°C to +125°C,VCC=AVCC=5.0V±10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Sym
bol
Pin name
Con
ditio
ns
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK19
-
4tCPP
-
ns
Internal shift clock
mode output pin :
CL=50pF
SCK↓
→
SOT delay time
tSLOVI
SCK0 to SCK2,
SCK5 to SCK19
SOT0 to SOT2,
SOT5 to SOT19
-30
30
ns
SCK3, SCK4
SOT3, SOT4
-300
300
ns
Valid SIN
→
SCK↑setup time
tIVSHI
SCK0 to SCK2,
SCK5 to SCK19
SIN0 to SIN2,
SIN5 to SIN19
34
-
ns
SCK3, SCK4
SIN3, SIN4
300
-
ns
SCK↑
→
Valid SIN hold time
tSHIXI
SCK0 to SCK19
SIN0 to SIN19
0
-
ns
SOT
→SCK↑
delay time
tSOVHI
SCK0 to SCK19
SOT0 to SOT19
2tCPP-30
-
ns
Serial clock
"H"pulse width
tSHSL
SCK0 to SCK19
-
tCPP+10
-
ns
External shift clock
mode output pin:
CL=50pF
Serial clock
"L" pulse width
tSLSH
2tCPP-10
-
ns
SCK↓
→
SOT delay time
tSLOVE
SCK0 to SCK2,
SCK5 to SCK19
SOT0 to SOT2,
SOT5 to SOT19
-
33
ns
SCK3, SCK4
SOT3, SOT4
-
300
ns
Valid SIN
→
SCK↑setup time
tIVSHE
SCK0 to SCK19
SIN0 to SIN19
10
-
ns
SCK↑
→
Valid SIN hold time
tSHIXE
20
-
ns
SCK fall time
tF
SCK0 to SCK19
-
5
ns
SCK rise time
tR
SCK0 to SCK19
-
5
ns
Notes:
· AC characteristic in CLK synchronized mode.
· CL is the load capacitance applied to pins during testing.
· The maximum bard rate is limited by internal operation clock used and other parameters. Please use
ch.3 and ch.4 with maximum baud rate 400kbps or less.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com