Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 195 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 195 Page - SPANSION

Back Button MB91F528 Datasheet HTML 191Page - SPANSION MB91F528 Datasheet HTML 192Page - SPANSION MB91F528 Datasheet HTML 193Page - SPANSION MB91F528 Datasheet HTML 194Page - SPANSION MB91F528 Datasheet HTML 195Page - SPANSION MB91F528 Datasheet HTML 196Page - SPANSION MB91F528 Datasheet HTML 197Page - SPANSION MB91F528 Datasheet HTML 198Page - SPANSION MB91F528 Datasheet HTML 199Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 241 page
background image
D a t a S h e et
192
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(4-1-5) Bit setting: SMR:MD2=0, SMR:MD1=1, SMR:MD0=0,
When Serial chip select is used : SCSCR:CSEN=1,
Serial clock output mark level "H" : SMR,SCSFR:SCINV=0,
Serial chip select Inactive level "H" : SCSCR,SCSFR:CSLVL=1
(TA:-40°C to +125°C,VCC=AVCC=5.0V±10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Sym
bol
Pin name
Con
ditio
ns
Value
Unit
Remarks
Min
Max
SCS↓→SCK↓
setup time
tCSSI
SCK1, SCK2,
SCK5 to SCK15,
SCK18, SCK19
SCS1, SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS15,
SCS18, SCS19
-
tCSSU-50
*1
tCSSU+0
*1
ns
Internal shift
clock mode
output pin :
CL=50pF
SCK3, SCK4
SCS3,
SCS40 to SCS43
tCSSU-50
*1
tCSSU+300
*1
ns
SCK↑→SCS↑
hold time
tCSHI
SCK1, SCK2,
SCK5 to SCK15,
SCK18, SCK19
SCS1, SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS15,
SCS18, SCS19
tCSHD-10
*2
tCSHD+50
*2
ns
SCK3, SCK4
SCS3,
SCS40 to SCS43
tCSHD-300
*2
tCSHD+50
*2
ns
SCS
deselect time
tCSDI
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS15,
SCS18, SCS19
tCSDS-50
*3
tCSDS+50
*3
ns
SCS↓→SCK↓
setup time
tCSSE
SCK1 to SCK15,
SCK18, SCK19
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS15,
SCS18, SCS19
-
3tCPP+30
-
ns
External shift
clock mode
output pin:
CL=50pF
SCK↑→SCS↑
hold time
tCSHE
+0
-
ns
SCS
deselect time
tCSDE
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS15,
SCS18, SCS19
3tCPP+30
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com