Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 207 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 207 Page - SPANSION

Back Button MB91F528 Datasheet HTML 203Page - SPANSION MB91F528 Datasheet HTML 204Page - SPANSION MB91F528 Datasheet HTML 205Page - SPANSION MB91F528 Datasheet HTML 206Page - SPANSION MB91F528 Datasheet HTML 207Page - SPANSION MB91F528 Datasheet HTML 208Page - SPANSION MB91F528 Datasheet HTML 209Page - SPANSION MB91F528 Datasheet HTML 210Page - SPANSION MB91F528 Datasheet HTML 211Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 241 page
background image
D a t a S h e et
204
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(4-2) UART (Asynchronous serial interface) timing
Bit setting: SMR : MD2=0, SMR:MD1=0, SMR : MD0=0
Bit setting: SMR : MD2=0, SMR:MD1=0, SMR : MD0=1
When external clock is selected (BGR:EXT=1)
(TA:-40°C to +125°C,VCC=AVCC=5.0V±10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Symb
ol
Pin name
Conditio
ns
Value
Unit
Remarks
Min
Max
Serial clock
"L" pulse width
tSLSH
SCK0 to SCK19
-
tCPP+10
-
ns
output pin:
CL=50pF
Serial clock
"H"pulse width
tSHSL
tCPP+10
-
ns
SCK fall time
tF
-
5
ns
SCK rise time
tR
-
5
ns
(4-3) LIN Interface (v2.1)( Asynchronous Serial Interface for LIN (v2.1)) timing
Bit setting: SMR : MD2=0, SMR:MD1=1, SMR : MD0=1
(TA:-40°C to +125°C,VCC=AVCC=5.0V±10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Symb
ol
Pin name
Conditio
ns
Value
Unit
Remarks
Min
Max
Serial clock
"L" pulse width
tSLSH
SCK0 to SCK19
-
tCPP+10
-
ns
output pin:
CL=50pF
Serial clock
"H"pulse width
tSHSL
tCPP+10
-
ns
SCK fall time
tF
-
5
ns
SCK rise time
tR
-
5
ns
When external clock is selected
SCK
tSHSL
VIL
VIH
VIH
tR
tSLSH
tF
VIL
VIH
VIL
When external clock is selected
SCK
tSHSL
VIL
VIH
VIH
tR
tSLSH
tF
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com