Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 208 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 208 Page - SPANSION

Back Button MB91F528 Datasheet HTML 204Page - SPANSION MB91F528 Datasheet HTML 205Page - SPANSION MB91F528 Datasheet HTML 206Page - SPANSION MB91F528 Datasheet HTML 207Page - SPANSION MB91F528 Datasheet HTML 208Page - SPANSION MB91F528 Datasheet HTML 209Page - SPANSION MB91F528 Datasheet HTML 210Page - SPANSION MB91F528 Datasheet HTML 211Page - SPANSION MB91F528 Datasheet HTML 212Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
205
CONFIDENTIAL
(4-4) I
2C timing
(TA: -40°C to +125°C,VCC= AVCC=5.0V ± 10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Sym
bol
Pin name
Conditio
ns
Standard
mode
High-speed
mode*
3
Unit
Rem
arks
Min
Max
Min
Max
SCL clock frequency
fSCL
SCK3 to SCK8,
SCK11 to SCK19
CL=50pF
R=
(VP/IOL)
*1
0
100
0
400
kHz
Repeat "start"
condition hold time
SDA ↓ → SCL ↓
tHDSTA
SOT3 to SOT8,
SOT11 to SOT19
(SDA),
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
4.0
–
0.6
–
μs
Period of "L" for SCL
clock
tLOW
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
4.7
–
1.3
–
μs
Period of "H" for SCL
clock
tHIGH
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
4.0
–
0.6
–
μs
Repeat "start"
condition setup time
SCL ↑ → SDA ↓
tSUSTA
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
4.7
–
0.6
–
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
SOT3 to SOT8,
SOT11 to SOT19
(SDA)
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
0
3.45
*2
0
0.9
*3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
SOT3 to SOT8,
SOT11 to SOT19
(SDA)
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
250
–
100
–
ns
"Stop" condition setup
time
SCL ↑ → SDA ↑
tSUSTO
SOT3 to SOT8,
SOT11 to SOT19
(SDA)
SCK3 to SCK8,
SCK11 to SCK19
(SCL)
4.0
–
0.6
–
μs
Bus-free time between
"stop" condition and
"start" condition
tBUF
–
4.7
–
1.3
–
μs
Noise filter
tSP
–
–
2tCPP
*4
–
2tCPP
*4
–
ns
Notes: Only ch.3, ch.4 and ch.12-ch.19 are standard mode/high-speed mode correspondence. In ch.5-ch.8 and
ch.11, only a standard mode is correspondences.
*1: R and CL represent the pull-up resistance and load capacitance of the SCL and SDA output lines,
respectively.
Vp shows that the power-supply voltage of the pull-up resistor and IOL shows the VOL guarantee current.
*2: The maximum tHDDAT only has to be met if the device does not extend the "L" width (tLOW) of the SCL signal.
*3: A high-speed mode I
2C bus device can be used on a standard mode I2C bus system as long as the device
satisfies the requirement of "tSUDAT ≥ 250 ns".
*4: tCPP is the peripheral clock cycle time. Adjust the clock of the bus in the surrounding to 8MHz or more when
use I
2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com