Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 210 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 210 Page - SPANSION

Back Button MB91F528 Datasheet HTML 206Page - SPANSION MB91F528 Datasheet HTML 207Page - SPANSION MB91F528 Datasheet HTML 208Page - SPANSION MB91F528 Datasheet HTML 209Page - SPANSION MB91F528 Datasheet HTML 210Page - SPANSION MB91F528 Datasheet HTML 211Page - SPANSION MB91F528 Datasheet HTML 212Page - SPANSION MB91F528 Datasheet HTML 213Page - SPANSION MB91F528 Datasheet HTML 214Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
207
CONFIDENTIAL
(5) Timer input timing
(TA: -40°C to +125°C , VCC= AVCC=5.0V ± 10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH,
tTIWL
TIN0 to TIN7,
ICU0 to ICU11,
FRCK0 to
FRCK10,
TIOA0, TIOA1,
TIOB0, TIOB1,
AIN0 to AIN3,
BIN0 to BIN3,
ZIN0 to ZIN3
–
4tCPP
–
ns
Timer input timing
VIH
VIL
tTIWL
tTIWH
VIL
TINx,
ICUx,
FRCKx,
TIOAx,TIOBx
AINx,BINx,ZINx
VIH
(6) Trigger input timing
(TA: -40°C to +125°C, ,VCC= AVCC=5.0V ± 10%/VCC=AVCC=3.3V±0.3V,VSS=AVSS=0.0V)
Parameter
Symbol Pin name Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH,
tTRGL
INT0 to
INT23,
ADTG0,
ADTG1,
RX0 to
RX5
–
5tCPP
–
ns
1
–
μs
At stop mode
Trigger input timing
VIH
VIL
ADTG
tTRGL
tTRGH
VIL
INTx
RXx
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com