Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 213 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 213 Page - SPANSION

Back Button MB91F528 Datasheet HTML 209Page - SPANSION MB91F528 Datasheet HTML 210Page - SPANSION MB91F528 Datasheet HTML 211Page - SPANSION MB91F528 Datasheet HTML 212Page - SPANSION MB91F528 Datasheet HTML 213Page - SPANSION MB91F528 Datasheet HTML 214Page - SPANSION MB91F528 Datasheet HTML 215Page - SPANSION MB91F528 Datasheet HTML 216Page - SPANSION MB91F528 Datasheet HTML 217Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 241 page
background image
D a t a S h e et
210
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
(10) External bus I/F (synchronous mode) timing
(TA: -40°C to +105°C, VCC=AVCC=5.0V±10%/VCC= AVCC=3.3V±0.3V, VSS=AVSS=0.0V)
(external load capacitance 50pF)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
-
ns
VCC=5.0V±10%
*1
31.25
VCC=3.3V±0.3V
ASX delay time
tCHASL,
tCHASH
SYSCLK,
ASX
0.5
18
ns
CS0X to CS3X
delay time
tCHCSL,
tCHCSH
SYSCLK,
CS0X to
CS3X
0.5
18
ns
A00 to A21
delay time
tCHAV,
tCHAX
SYSCLK,
A00 to A21
0.5
18
ns
RDX delay time
tCHRL,
tCHRH
SYSCLK,
RDX
0.5
18
ns
RDX
minimum pulse
tRLRH
RDX
tCYC×
2 - 20
-
ns
RWT=1, set RWT to 1
or more.
*2
Data setup →
RDX↑time
tDSRH
RDX,
D16 to D31
18+tCYC
-
ns
Same as above
RDX↑→
data hold
tRHDH
0
-
ns
WRnX delay time
tCHWL,
tCHWH
SYSCLK,
WR0X,
WR1X
0.5
18
ns
WRnX
minimum pulse
tWLWH
WR0X,
WR1X
tCYC - 10
-
ns
WWT=0
*2
SYSCLK↑→
data output time
tCHDV
SYSCLK,
D16 to D31
0.5
18
ns
SYSCLK↑→
data hold time
tCHDX
-
18
ns
Set WRCS to 1 or
more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com