Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 214 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 214 Page - SPANSION

Back Button MB91F528 Datasheet HTML 210Page - SPANSION MB91F528 Datasheet HTML 211Page - SPANSION MB91F528 Datasheet HTML 212Page - SPANSION MB91F528 Datasheet HTML 213Page - SPANSION MB91F528 Datasheet HTML 214Page - SPANSION MB91F528 Datasheet HTML 215Page - SPANSION MB91F528 Datasheet HTML 216Page - SPANSION MB91F528 Datasheet HTML 217Page - SPANSION MB91F528 Datasheet HTML 218Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
211
CONFIDENTIAL
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
SYSCLK↑→
address output time
tCHMAV
SYSCLK,
D16 to D31
0.5
18
ns
SYSCLK↑→
address hold time
tCHMAX
-
18
ns
In multiplex mode, set
as follows:
Set CSWR and
CSRD to 2 or more.
ASCY must satisfy
the following
conditions because of
setting
ADCY > ASCY and
protocol violation
prevention.
ADCY +1 ≤ ACS +
CSRD
ADCY +1 ≤ ACS +
CSWR
ASCY + 1 ≤ ACS +
CSRD
ASCY + 1 ≤ ACS +
CSWR
See Hardware Manual
for details.
*1: Please use it with external load capacity 12pF or less for VCCE=3.3V±0.3V (40MHz operation).
*2: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded
cycles) to the rated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com