Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 27Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 28Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 29Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 30Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 31Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 32Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 33Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 34Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
AD9652
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit
locations. The memory map is roughly divided into three
sections: the chip configuration registers (Address 0x00 to
Address 0x02); the channel index and transfer registers
(Address 0x05 and Address 0xFF); and the ADC functions
registers, including setup, control, and test (Address 0x08 to
Address 0x4FB).
The memory map register table (see Table 17) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x09,
the global clock register, has a hexadecimal default value of
0x01. This means that the LSB or Bit 0 = 1, and the remaining
bits are 0s. This setting is the default output format value, which
is twos complement. For more information on the functions
controlled by Register 0x00 to Register 0x17, see the AN-877
Application Note. This application note also details the
functions controlled by all remaining registers.
Open and Reserved Locations
All address and bit locations that are not included in Table 17
are not currently supported for this device. Unused bits of a
valid address location must be written with 0s, unless otherwise
noted. Writing to these locations is required only when part of
an address location is open (for example, Address 0x18). If the
entire address location is open/unused/undocumented (for
example, Address 0x13), this address location must not be
written.
Default Values
After the AD9652 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 17.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
The 0x08, 0x09, 0x0B, 0x0D, 0x0F, 0x10, 0x14, 0x16, 0x17, and
0x30 registers are shadowed. Writes to these addresses do not
affect device operation until a transfer command is issued by
writing 0x01 to Address 0xFF, setting the transfer bit. This allows
these registers to be updated internally and simultaneously when
the transfer bit is set. The internal update occurs when the
transfer bit is set, and then the bit autoclears.
Channel Specific Registers
Some channel setup functions, such as the signal monitor
thresholds, can be programmed to a different value for each
channel. In these cases, channel address locations are internally
duplicated for each channel. These registers and bits are designated
in Table 17 as local. These local registers and bits can be accessed
by setting the appropriate Channel A or Channel B bits in
Register 0x05. If both bits are set, the subsequent write affects
the registers of both channels. In a read cycle, only Channel A
or Channel B are set to read one of the two registers. If both bits
are set during an SPI read cycle, the device returns the value for
Channel A. Registers and bits designated as global in Table 17
affect the entire device and the channel features for which
independent settings are not allowed. The settings in Register 0x05
do not affect the global registers and bits.
Rev. A | Page 31 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com