Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 28Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 29Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 30Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 31Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 32Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 33Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 34Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 35Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9652
Data Sheet
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x45
Fast detect
(FD) control
Enable
fast
detect
output
0x00
0x47
FD upper
threshold
Fast Detect Upper Threshold[3:0]
Valid programming range = 0x1 to 0x8
Threshold = midscale ± (register value) × (1/8) ×
(full scale)
0x08
0x49
FD lower
threshold
Fast Detect Lower Threshold[7:0]
0x00
0x4A
FD lower
threshold
Fast Detect Lower Threshold[14:8]
0x02
0x4B
FD dwell
time
Fast Detect Dwell Time[7:0]
0x00
0x4C
FD dwell
time
Fast Detect Dwell Time[15:8]
0x08
0x100
SYNC
control
(global)
Clock
divider
next SYNC
only
Clock
divider
SYNC
enable
Master
SYNC
buffer
enable
0x00
0x212
Dither gain
(global)
0b0000: 100% dither applied
0b0001: 99.6% dither applied
0b0010: 99.2% dither applied
0b0011: 98.4% dither applied
0b0100: 96.8% dither applied
0b0101: 93.75% dither applied
0b0110: 87.5% dither applied
0b0111: 75% dither applied
0b1000: 50% dither applied
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
0x08
0x22A
Input
frequency
settings
(global)
0: fIN in 1st Nyquist
1: fIN in 2nd Nyquist
2: fIN in 3rd Nyquist or
higher
0x00
0x4FA
Calibration
power-
down
config-
uration
(global)
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Power down/standby
initial calibration
action:
0b00: use previous
calibration correction
0b11: initiate a fast
calibration
0x03
0x4FB
Calibration
power-down
configura-
tion (global)
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 0
Reserved,
set to 1
Reset
back-
ground
calibration,
set high
then low
Reserved,
set to 0
Pause
back-
ground
calibration
0x08
1
Set the channel index register at Address 0x05 to 0x03 (default) when writing to Address 0x00.
Rev. A | Page 34 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com