Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 28Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 29Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 30Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 31Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 32Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 33Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 34Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 35Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD9652
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x0B
Clock divide
(global)
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = reserved, do not use
011 = divide by 4
100 = divide by 8
0x00
0x0D
Test mode
(local)
ResetPN23
longgen
PN23:
1 + x17 +
x22
Reset
PN9
short gen
PN9:
1 + x3 + x8
Output test mode
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN23 long sequence
0110 = PN9 short sequence
0111 = one/zero word toggle
0x00
When this
register is
set, the test
data is
placed on
the output
pins (D0±
to D15±) in
place of
normal data
0x0F
Common-
mode servo
(global)
Enable
common-
mode
servo
0x00
0x10
Offset adjust
(local)
Offset adjust in LSBs from +127 (0111 1111) to −128 (1000 0000)
(twos complement format)
0x00
0x14
Output
mode (local)
Output format
00 = offset binary
(default)
01 = twos complement
10 = gray code
11 = reserved
0x00
Configures
the outputs
and the
format of
the data
0x15
Output
LVDS
control
(global)
LVDS output drive current adjust
000 = 3.72 mA (ANSI-LVDS,
default)
001 = 3.50 mA
010 = 3.30 mA
011 = 2.96 mA
100 = 2.82 mA
101 = 2.57 mA
110 = 2.27 mA
111 = 2.00 mA (reduced swing
LVDS)
0x00
0x16
Clock phase
adjust
(global)
Input clock divider phase adjust
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycle
011 = 3 input clock cycle
100 = 4 input clock cycle
101 = 5 input clock cycle
110 = 6 input clock cycle
111 = 7 input clock cycle
0x00
0x17
DCO±
output delay
(global)
DCO± clock delay
(Delay = (2500 ps × register value/31))
00000 = 0 ps
00001 = 81 ps
00010 = 161 ps
…
11110 = 2419 ps
11111 = 2500 ps
0x00
0x18
Input span
select
(global)
Reserved,
set to 1
Reserved,
set to 1
VREF select
000 = 1.25 V (2.5 V p-p input), default
001 = 1.125 V (2.25 V p-p input)
010 = 1.20 V (2.4 V p-p input)
011 = 1.25 V (2.5 V p-p input)
100 = do not use
101 = 1.0 V (2.0 V p-p input)
0xC0
0x30
Dither (local)
Dither
enable
0x00
Rev. A | Page 33 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com