Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 20Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 21Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 22Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 23Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 24Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD9652
Rev. A | Page 21 of 36
input level at the analog inputs and adjusts the VCM output
level to keep the common-mode input voltage at an optimal
level. If both channels are operational, Channel A is monitored.
However, if Channel A is in power-down or standby mode, then
Channel B input is monitored.
Dither
The AD9652 has an optional internal dither circuitry that can be
used to improve SFDR, particularly for small signals. Dithering is
the act of injecting a known but random amount of white noise
into the input of the AD9652. Dithering has the effect of improving
the local linearity within the ADC transfer function. The AD9652
allows dither to be added to either ADC input independently.
The full scale of the dither DAC is small enough that enabling
dither does not limit the external input signal amplitude.
As shown in Figure 52, the dither that is added to the input of
the ADC through the dither DAC is precisely subtracted out
digitally to minimize SNR degradation. When dithering is
enabled, the dither DAC is driven by a pseudorandom number
generator (PN gen). In the AD9652, the dither DAC is precisely
calibrated to result in only a very small degradation in SNR and
SINAD when dither is enabled.
ADC CORE
DITHER
DAC
PN GEN
DITHER ENABLE
AD9652
VIN±x
DOUT
Figure 52. Dither Block Diagram
The SFDR improvement comes at the expense of SNR
degradation, but because the dither is internal and can be
correlated, the impact on SNR is typically limited to less than
0.5 dB in the first Nyquist zone. Enabling internal dither does
not impact full-scale dynamic range. The magnitude of dither is
controllable, which allows the user to select the desired trade-
off between SFDR improvement vs. SNR degradation.
To enable dither, set Bit 4 of Register 0x30. To modify the dither
gain, use Register 0x212[7:4].
Table 10. Dither Gain
Register 0x212[7:4] Setting
Gain Ratio
Gain (%)
0b0000 (default)
Maximum dither
100
0b0001
255/256 × max
99.6
0b0010
254/256 × max
99.2
0b0011
252/256 × max
98.4
0b0100
248/256 × max
96.8
0b0101
240/256 × max
93.75
0b0110
224/256 × max
87.5
0b0111
192/256 × max
75
0b1000
Minimum dither
50
Large Signal Fast Fourier Transform
In most cases, dithering does not improve SFDR for large signal
inputs close to full scale, for example, with a −1 dBFS input. For
large signal inputs, the SFDR is typically limited by front-end
sampling distortion, which dithering cannot improve. However,
even for such large signal inputs, dithering may be useful for
certain applications because it makes the noise floor whiter. As
is common in pipeline ADCs, the AD9652 contains small DNL
errors caused by random component mismatches that produce
spurs or tones that make the noise floor somewhat randomly
colored device-to-device. Although these tones are typically at
very low levels and do not limit SFDR when the ADC is
quantizing large signal inputs, dithering converts these tones to
noise and produces a whiter noise floor.
Small Signal FFT
For small signal inputs, the front-end sampling circuit typically
contributes very little distortion, and the SFDR is likely to be
limited by tones caused by DNL errors due to random
component mismatches. Therefore, for small signal inputs
(typically, those below −6 dBFS), dithering can significantly
improve SFDR by converting these DNL tones to white noise.
Static Linearity
Dithering also removes sharp local discontinuities in the INL
transfer function of the ADC and reduces the overall peak-to-
peak INL.
Utilizing dither randomizes local small signal DNL errors that
produce the discontinuities in the INL transfer function and
therefore improve the peak-to-peak INL performance.
Differential Input Configurations
Optimum performance is achieved by driving the AD9652 in a
differential input configuration. For baseband applications, the
ADL5566, AD8138, ADA4937-2, ADA4938-2, and ADA4930-2
differential drivers provide excellent performance and a flexible
interface to the ADC.
The output common-mode voltage of the ADA4930-2 is easily
set with the VCM pin of the AD9652 (see Figure 53), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
VIN±x
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
0.1µF
33Ω
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–x
VIN+x
VCM
ADA4930-2
Figure 53. Differential Input Configuration Using the ADA4930-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com