Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 16Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9652
Data Sheet
140
20
78
60
62
64
66
68
70
72
74
76
40
60
80
100
120
–80
–60
–40
–20
0
–80
–60
–40
–20
0
AIN (–dBFS)
SFDR (dBc), –40°C
SFDR (dBc), +25°C
SFDR (dBc), +85°C
SFDR (dBFS), –40°C
SFDR (dBFS), +25°C
SFDR (dBFS), +85°C
SNRFS (dB), –40°C
SNRFS (dB), +25°C
SNRFS (dB), +85°C
Figure 24. Single Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 90.1 MHz, VREF = 1.0 V, Over Temperature, Dither Off
76
74
72
70
68
66
64
62
60
58
56
110
70
74
78
82
86
90
94
98
102
106
0
50
100
150
200
250
300
350
400
450
500
550
fIN (MHz)
SFDR
(NYQUIST SETTING 1)
SFDR
(NYQUIST SETTING 2)
SFDR
(NYQUIST SETTING 3)
SNRFS
(NYQUIST SETTING 1)
SNRFS
(NYQUIST SETTING 2)
SNRFS
(NYQUIST SETTING 3)
Figure 25. Single Tone SNR/SFDR vs. Input Frequency (fIN),
Amplitude = −1 dBFS, VREF = 1.25 V
76
74
72
70
68
66
64
62
60
58
56
110
70
74
78
82
86
90
94
98
102
106
0
50
100
150
200
250
300
350
400
450
500
550
fIN (MHz)
SFDR
(NYQUIST SETTING 1)
SFDR
(NYQUIST SETTING 2)
SFDR
(NYQUIST SETTING 3)
SNRFS
(NYQUIST SETTING 1)
SNRFS
(NYQUIST SETTING 2)
SNRFS
(NYQUIST SETTING 3)
Figure 26. Single Tone SNR/SFDR vs. Input Frequency (fIN),
Amplitude = −7 dBFS, VREF = 1.25 V
140
20
78
60
62
64
66
68
70
72
74
76
40
60
80
100
120
–80
–60
–40
–20
0
–80
–60
–40
–20
0
AIN (–dBFS)
SFDR (dBc), –40°C
SFDR (dBc), +25°C
SFDR (dBc), +85°C
SFDR (dBFS), –40°C
SFDR (dBFS), +25°C
SFDR (dBFS), +85°C
SNRFS (dB), –40°C
SNRFS (dB), +25°C
SNRFS (dB), +85°C
Figure 27. Single Tone SNR/SFDR vs. Input Amplitude (AIN) with fIN =
90.1 MHz, VREF = 1.0 V, Over Temperature, Dither On
76
74
72
70
68
66
64
62
60
58
56
110
70
74
78
82
86
90
94
98
102
106
0
50
100
150
200
250
300
350
400
450
500
550
fIN (MHz)
SFDR
(NYQUIST SETTING 1)
SFDR
(NYQUIST SETTING 2)
SFDR
(NYQUIST SETTING 3)
SNRFS
(NYQUIST SETTING 1)
SNRFS
(NYQUIST SETTING 2)
SNRFS
(NYQUIST SETTING 3)
Figure 28. Single Tone SNR/SFDR vs. Input Frequency (fIN),
Amplitude =−1 dBFS, VREF = 1.0 V
76
74
72
70
68
66
64
62
60
58
56
110
70
74
78
82
86
90
94
98
102
106
0
50
100
150
200
250
300
350
400
450
500
550
fIN (MHz)
SFDR
(NYQUIST SETTING 1)
SFDR
(NYQUIST SETTING 2)
SFDR
(NYQUIST SETTING 3)
SNRFS
(NYQUIST SETTING 1)
SNRFS
(NYQUIST SETTING 2)
SNRFS
(NYQUIST SETTING 3)
Figure 29. Single Tone SNR/SFDR vs. Input Frequency (fIN),
Amplitude = −7 dBFS, VREF = 1.0 V
Rev. A | Page 16 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com