Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZ-310 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9652BBCZ-310
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZ-310 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9652BBCZ-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 20Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 21Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 22Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 23Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 24Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 25Page - Analog Devices AD9652BBCZ-310 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9652
Data Sheet
Rev. A | Page 22 of 36
configuration. An example is shown in Figure 54. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+x
VIN–x
VCM
C2
R2
R3
R2
C2
R3
0.1µF
33Ω
Figure 54. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies
below a few megahertz. Excessive signal power can also cause
core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9652. For applications
where SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 56). In this
configuration, the input is ac-coupled and the VCM voltage is
provided to each input through a 33 Ω resistor. These resistors
compensate for losses in the input baluns to provide a 50 Ω
impedance to the driver.
In the double balun and transformer configurations, the value
of the input capacitors and resistors is dependent on the input
frequency and source impedance. Based on these parameters,
the value of the input resistors and capacitors may need to be
adjusted, or some components may need to be removed. Table 11
displays recommended values to set the RC network for different
input frequency ranges. However, these values are dependent on
the input signal; use the bandwidth only as a starting guide.
Note that the values given in Table 11 are for each R1, R2, C1,
C2, and R3 component shown in Figure 54 and Figure 56.
Table 11. Example RC Network
Frequency
Range
(MHz)
R1
Series
(Ω)
C1
Differential
(pF)
R2
Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
Open
0
15
49.9
100 to 300
15
Open
15
2.7
0
An alternative to using a transformer-coupled input at
frequencies in the second Nyquist zone is to use an amplifier
with variable gain. The AD8375 or AD8376 digital variable gain
amplifier (DVGA) provides good performance for driving the
AD9652. Figure 55 shows an example of the AD8376 driving
the AD9652 through a band-pass antialiasing filter.
AD8376
AD9652
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
54kΩ║2.9pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS WITH THE
EXCEPTION OF THE 1µH CHOKE INDUCTORS (COIL CRAFT 0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 55. Differential Input Configuration Using the AD8376
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+x
VIN–x
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
R3
R3
0.1µF
33Ω
VCM
Figure 56. Differential Double Balun Input Configuration
Table 12. VREF Configuration Options
Selected Mode
SENSE Voltage
Resulting ADC Reference Voltage (V)
Resulting Input Span (Differential V p-p)
External Reference
AVDD
N/A1
2 × external reference
Internal Fixed Reference
GND
VREF2
2 × VREF2
1 N/A = not applicable.
2 VREF is set via Register 0x18. The default VREF is 1.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com